Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-211UT Datasheet(PDF) 2 Page - Rohm

Part # SML-211UT
Description  Chip LEDs with low power consumption
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211UT Datasheet(HTML) 2 Page - Rohm

  SML-211UT Datasheet HTML 1Page - Rohm SML-211UT Datasheet HTML 2Page - Rohm SML-211UT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
LED lamps
SML-211 Series
FElectrical and optical characteristics (Ta = 25_C)
FDirectional pattern


Similar Part No. - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211UT ROHM-SML-211UT Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-211UT ROHM-SML-211UT Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-211UT ROHM-SML-211UT Datasheet
136Kb / 3P
   SML-21 Series
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-311 ROHM-SML-311 Datasheet
73Kb / 3P
   Chip LEDs with low power consumption
logo
KODENSHI_AUK CORP.
SA1316-E KODENSHI-SA1316-E Datasheet
190Kb / 4P
   Low power consumption type chip LED
SA1316 KODENSHI-SA1316 Datasheet
210Kb / 4P
   Low power consumption type chip LED
SA1316-H KODENSHI-SA1316-H Datasheet
192Kb / 4P
   Low power consumption type chip LED
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G Datasheet
560Kb / 4P
   1.8V Oscillator with Low Power Consumption
logo
OPTEK Technologies
OVSA1GBC2R8 OPTEK-OVSA1GBC2R8 Datasheet
226Kb / 7P
   High intensity with low power consumption
logo
TT Electronics.
OVSA1ABLCR8 TTELEC-OVSA1ABLCR8 Datasheet
768Kb / 5P
   High intensity with low power consumption
OVSA1ABC2RB TTELEC-OVSA1ABC2RB Datasheet
844Kb / 7P
   High intensity with low power consumption
OVSA1XBLCR8 TTELEC-OVSA1XBLCR8 Datasheet
768Kb / 5P
   High intensity with low power consumption
OVSA1BBC2RB TTELEC-OVSA1BBC2RB Datasheet
844Kb / 7P
   High intensity with low power consumption
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com