Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG775 Datasheet(PDF) 4 Page - Littelfuse

Part # CG775
Description  The Littelfuse CG7 series GDT is a miniature surface mount device with a 1kA 8/20關S surge rating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG775 Datasheet(HTML) 4 Page - Littelfuse

  CG775 Datasheet HTML 1Page - Littelfuse CG775 Datasheet HTML 2Page - Littelfuse CG775 Datasheet HTML 3Page - Littelfuse CG775 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gas Discharge Tubes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/12/17
Part Numbering System and Ordering Information
Taping and Reel Specifications
CG7 XXX MS
Breakdown Voltage
Surface Mount
70 = 70V
90 = 90V
120 = 120V
150 = 150V
200 = 200V
230 = 230V
350 = 350V
400 = 400V
470 = 470V
Series
CG7
330±4.0
>1.5
15 Typ.
100 Typ.
Packaging Quantity:
2500 pcs per reel (13”)
1 reels per inner box
10 inners box per carton
25,000 pcs per full carton
W
F
E
P2
P0
P
D
Unit = mm
Item
Spec
Item
Spec
P
8.0 ± 0.1
E
1.75 ± 0.1
P0
4.0 ± 0.1
D
1.50 + 0.1/-0.0
P2
2.0 ± 0.1
B0
3.9 ± 0.1
W
12.0 ± 0.3
K0
3.2 ± 0.1
F
5.5 ± 0.1
T
0.4 ± 0.1
A0
3.2 ± 0.1
10P0
4.0 ± 0.2
T
B0
K0
A0
CG7 Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete
Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.


Similar Part No. - CG775

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CG732U050W4C ETC1-CG732U050W4C Datasheet
1Mb / 7P
   Computer Grade Aluminum Electrolytic Capacitor
logo
Cornell Dubilier Electr...
CG732U050W4C CDE-CG732U050W4C Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CG732U050W4C CDE-CG732U050W4C Datasheet
1Mb / 3P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor
logo
List of Unclassifed Man...
CG742U050U4C ETC1-CG742U050U4C Datasheet
1Mb / 7P
   Computer Grade Aluminum Electrolytic Capacitor
logo
Cornell Dubilier Electr...
CG742U050U4C CDE-CG742U050U4C Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
More results

Similar Description - CG775

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG6 LITTELFUSE-CG6 Datasheet
706Kb / 4P
   The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
SM20 LITTELFUSE-SM20 Datasheet
720Kb / 4P
   The Littelfuse 20mm SMD Series is a surface-mount metal oxide varistor device
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
461 LITTELFUSE-461 Datasheet
654Kb / 4P
   The Littelfuse 461 Series TeleLink짰 Surface Mount, Surge Resistant Fuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
   The NJM2406 is a single comparator of ultra miniature surface mount package.
logo
Littelfuse
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
160 LITTELFUSE-160 Datasheet
719Kb / 3P
   The 160 Series product is a metal fuse clip with pre-installed Littelfuse 443 Series Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com