Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPP03-12S24B-P Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMPP03-12S24B-P
Description  3 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP03-12S24B-P Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMPP03-12S24B-P Datasheet HTML 1Page - Wall Industries,Inc. DCMPP03-12S24B-P Datasheet HTML 2Page - Wall Industries,Inc. DCMPP03-12S24B-P Datasheet HTML 3Page - Wall Industries,Inc. DCMPP03-12S24B-P Datasheet HTML 4Page - Wall Industries,Inc. DCMPP03-12S24B-P Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev C
DCMPP03 SERIES
3 Watt
Medical DC/DC Power Converters
2/03/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
CHARACTERISTIC CURVES
DCMPP03-48S05A Derating Curve
DCMPP03-48S05A Efficiency vs Input Voltage
DCMPP03-48S05A Efficiency vs Output Load
MECHANICAL DRAWINGS
A Type Pin Connection (Suffix “A”)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
11
NO PIN
COMMON
12
-OUTPUT
NO PIN
13
+OUTPUT
-OUTPUT
15
NO PIN
+OUTPUT
23
-INPUT
-INPUT
24
-INPUT
-INPUT
1.
Dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin Pitch Tolerance: ±0.01 (0.25)
Pin Dimension Tolerance: ±0.004 (0.1)
B Type Pin Connection (Suffix “B”)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
CTRL (Optional)
CTRL (Optional)
2
-INPUT
-INPUT
10
TRIM (Optional)
TRIM (Optional)
11
**NO PIN/NC
-OUTPUT
14
+OUTPUT
+OUTPUT
16
-OUTPUT
COMMON
22
+INPUT
+INPUT
23
+INPUT
+INPUT
**For single output models, Pin 11 is “NO PIN” with the trim
pin option (Suffix “-T”) and “NC” without the trim pin option.
1.
Dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin Pitch Tolerance: ±0.01 (0.25)
4.
Pin Dimension Tolerance: ±0.004 (0.1)
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown
below. ( ) for dual output trim


Similar Part No. - DCMPP03-12S24B-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05A-PT WALL-DCMPP06-12D05A-PT Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05B-PT WALL-DCMPP06-12D05B-PT Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05x WALL-DCMPP06-12D05x Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMPP03-12S24B-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP03 WALL-DCMOP03_18 Datasheet
482Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03_18 Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com