Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPP03-5D15B-P Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMPP03-5D15B-P
Description  3 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP03-5D15B-P Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMPP03-5D15B-P Datasheet HTML 1Page - Wall Industries,Inc. DCMPP03-5D15B-P Datasheet HTML 2Page - Wall Industries,Inc. DCMPP03-5D15B-P Datasheet HTML 3Page - Wall Industries,Inc. DCMPP03-5D15B-P Datasheet HTML 4Page - Wall Industries,Inc. DCMPP03-5D15B-P Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev C
DCMPP03 SERIES
3 Watt
Medical DC/DC Power Converters
2/03/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
TECHNICAL SPECIFICATIONS: DCMPP03 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
9
VDC
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
75
Start-Up Voltage
5VDC nominal input models
4.5
VDC
12VDC nominal input models
9
24VDC nominal input models
18
48VDC nominal input models
36
Shutdown Voltage
5VDC nominal input models
4
VDC
12VDC nominal input models
8
24VDC nominal input models
16
48VDC nominal input models
33
Input Surge Voltage (3sec, max.)
5VDC nominal input models
16
VDC
12VDC nominal input models
25
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Input Filter
Pi type
Remote ON/OFF Control
(Only for “B” type pin connection
models)
Referenced to –INPUT pin
DC/DC ON
Open or 0 ~ 1.2VDC
DC/DC OFF
2.2 ~ 12 VDC
Input Current of CTRL Pin
Nominal Vin
-0.5
1
mA
Remote OFF Input Current
Nominal Vin
2.5
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-0.5
+0.5
Load Regulation
No load to full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-1.0
+1.0
Cross Regulation
Asymmetrical load 25%/100% FL
Dual Output Models
-5.0
+5.0
%
Voltage Adjustability
(Only for “B” type pin connection
models)
Single Output Models
3.3V, 5V, 12V Output
Models
-10
+10
%
15V, 24V Output Models
-10
+20
Dual Output Models
±5V, ±12V, ±15V Output
Models
-10
+10
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (20MHz BW)
Measured with a 10µF/25V X7R MLCC
3.3V, 5V Output Models
30
mVp-p
Measured with a 10µF/25V X7R MLCC
12V, 15V Output Models
40
Measured with a 4.7µF/50V X7R MLCC
24V Output Models
50
Transient Response Recovery Time 25% load step change
250
µs
Start-Up Time
Constant resistive load
Power Up
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
150
%
Over Voltage Protection
Continuous clamp
Single Output
Models
3.3V Output Models
3.7
5
VDC
5V Output Models
5.6
7.0
12V Output Models
13.5
16
15V Outputs Models
18.3
22.0
24V Output Models
29.1
34.5
Dual Output Models
5V Output Models
5.6
7.0
12V Output Models
13.5
18.2
15V Outputs Models
17.0
22.0


Similar Part No. - DCMPP03-5D15B-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05A-PT WALL-DCMPP06-12D05A-PT Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05B-PT WALL-DCMPP06-12D05B-PT Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06-12D05x WALL-DCMPP06-12D05x Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMPP03-5D15B-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP03 WALL-DCMOP03_18 Datasheet
482Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03_18 Datasheet
465Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com