Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMOPW03-48S24x Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMOPW03-48S24x
Description  3 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMOPW03-48S24x Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMOPW03-48S24x Datasheet HTML 1Page - Wall Industries,Inc. DCMOPW03-48S24x Datasheet HTML 2Page - Wall Industries,Inc. DCMOPW03-48S24x Datasheet HTML 3Page - Wall Industries,Inc. DCMOPW03-48S24x Datasheet HTML 4Page - Wall Industries,Inc. DCMOPW03-48S24x Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
DCMOPW03 SERIES
3 Watt Medical
DC/DC Power Converters
01/28/2016
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS: DCMOPW03 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Without derating
-40
+94
°C
With derating
+94
+105
Storage Temperature Range
-55
+125
°C
Thermal Impedance
Natural convection (20LFM)
18
°C/W
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F Ta=25°C, full load (G/B, controlled environment)
6,444,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.48oz (14g)
Dimensions (L x W x H)
1.25x0.80x0.40 inches
(31.8x20.3x10.2mm)
Case Material
Non-conductive black plastic
Base Material
Non-conductive black plastic
Potting Material
Silicon (UL94-V0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals (pending)
ANSI/AAMI ES60601-1, IEC60601-1, EN60601-1, UL60950-1, EN60950-1, IEC60950-1
EMI (See Note 2)
EN55011, EN55022, and FCC Part 18
Class A, Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 3)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 3)
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous;
1000 A/m 1 second
Perf. Criteria A
NOTES
1. The “x” in the model number represents the Pin Connection type. It can be “A” for pin connection type A or “B” for pin connection type B.
See mechanical drawings on page 4 for more information.
2. The DCMOPW03 series meets EMI Class A without an external filter added. This series can only meet EMI Class B with external
components added. Please contact factory for more information.
3. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
• For 24VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series,
470µF/50V) in parallel.
• For 48VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series,
330µF/100V) in parallel.
4. Remote ON/OFF control is optional and is only available for “B” type pin connection models. To order the converter with remote
ON/OFF add the suffix “-P” to the model number (Ex: DCMOPW03-48S12B-P).
5. Trim function is optional and is only available for “B” type pin connection models. To order the converter with Trim pin add the suffix “-T”
to the model number (Ex: DCMOPW03-48S12B-T).
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCMOPW03-48S24x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOPW03-48S05 WALL-DCMOPW03-48S05 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOPW03-48S12 WALL-DCMOPW03-48S12 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOPW03-48S33 WALL-DCMOPW03-48S33 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
More results

Similar Description - DCMOPW03-48S24x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP03 WALL-DCMOP03_18 Datasheet
482Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPP03 WALL-DCMPP03 Datasheet
337Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMOPW03 WALL-DCMOPW03 Datasheet
153Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com