Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP41101DQ-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP41101DQ-T1
Description  Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41101DQ-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP41101DQ-T1 Datasheet HTML 1Page - Vishay Siliconix SIP41101DQ-T1 Datasheet HTML 2Page - Vishay Siliconix SIP41101DQ-T1 Datasheet HTML 3Page - Vishay Siliconix SIP41101DQ-T1 Datasheet HTML 4Page - Vishay Siliconix SIP41101DQ-T1 Datasheet HTML 5Page - Vishay Siliconix SIP41101DQ-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SiP41101
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72377
S-31578—Rev. A, 11-Aug-03
ABSOLUTE MAXIMUM RATINGS (ALL VOLTAGES REFERENCED TO GND = 0 V)
VDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN
-0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSH
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VBOOT
VSH + 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
-40 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
TSSOP-16
925 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)a
TSSOP-16
135_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE (ALL VOLTAGES REFERENCED TO GND = 0 V)
VDD
4.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VBOOT
4.5 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CBOOT
100 nF to 1 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
-40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONSa
Test Conditions Unless Specified
Limits
Parameter
Symbol
p
VDD = 4.5 to 5.5 V, VBOOT = 4.5 to 30 V, TA = -40 to 85_C
Mina
Typb
Maxa
Unit
Power Supplies
Supply Voltage
VDD
4.5
5.5
V
Supply Current
IDD
fIN = 300 kHz, SD = H, Sync_en = H
see Figure 1
25
40
mA
Quiescent Current
IDDQ
IN = L, SD = H, Sync_en = H, No Load
1.4
2.5
mA
Reference Voltage
Break-Before-Make
VBBM
VDD = 5.5 V
2.5
V
Logic Inputs — IN, Sync En, SD
Input High
VIH
2.5
V
Input Low
VIL
1.0
V
Undervoltage Lockout
VDD Undervoltage
VUVL
VDD Rising
2.5
3.6
4.4
V
Undervoltage Hysteresis
VHYST
400
mV
Bootstrap Diode
Forward Voltage
VF
IF = 10 mA
0.65
V
MOSFET Drivers
High Side Drive Currentc
IPKH(source)
VBOOT VSH = 4 5 V VOUTH VSA=2 25V
3.0
High-Side Drive Currentc
IPKH(sink)
VBOOT - VSH = 4.5 V, VOUTH-VSA=2.25V
3.0
A
Low Side Drive Currentc
IPKL(source)
VDD = 4 5 V VOUTL=2 25V
4.1
A
Low-Side Drive Currentc
IPKL(sink)
VDD = 4.5 V, VOUTL=2.25V
4.1
High Side Driver Impedance
RDH(source)
VDD = 4 5 V SH = GND
0.75
1.3
High-Side Driver Impedance
RDH(sink)
VDD = 4.5 V, SH = GND
0.75
1.3
W
Low Side Driver Impedance
RDL(source)
VDD = 4 5 V
0.55
1.1
W
Low-Side Driver Impedance
RDL(sink)
VDD = 4.5 V
0.55
1.1


Similar Part No. - SIP41101DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41103 VISHAY-SIP41103 Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SiP41103DM-T1 VISHAY-SiP41103DM-T1 Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SIP41104 VISHAY-SIP41104 Datasheet
113Kb / 8P
   Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 03-Aug-09
SIP41109 VISHAY-SIP41109 Datasheet
101Kb / 7P
   Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
Rev. A, 13-Jun-0
More results

Similar Description - SIP41101DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9913 VISHAY-SI9913 Datasheet
52Kb / 6P
   Dual MOSFET Bootstrapped Driver with Break-Before-Make
Rev. A, 21-Dec-00
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4724 VISHAY-SI4724 Datasheet
161Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
Rev. F, 13-Jun-11
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
logo
Pasternack Enterprises,...
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
   Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
   Switching Sequence Break Before Make
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
   Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
   Switching Sequence Break Before Make
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com