Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00711100 Datasheet(PDF) 1 Page - Littelfuse

Part # 00711100
Description  The mechanical switches signal many different situations that may occur on commercial vehiches: differential lock, low gears activation, handbrake failure, etc
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

00711100 Datasheet(HTML) 1 Page - Littelfuse

  00711100 Datasheet HTML 1Page - Littelfuse 00711100 Datasheet HTML 2Page - Littelfuse 00711100 Datasheet HTML 3Page - Littelfuse 00711100 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
1 of 2
Commercial Vehicle Product Datasheet
00711100 PLUNGER SWITCHES
12V/24V • “Superseal” Type • 1,5 series • Normally Open Mechanical
Specifications Overview
Voltage:
12V/24V
Ingress Protection:
IP69K
Applications
• IVECO Eurocargo
• IVECO Daily
Web Resources
Download technical resources at:
littelfuse.com/plungerswitches
Description
The mechanical switches signal many different situations
that may occur on commercial vehiches: differential lock, low
gears activation, handbrake failure, etc. Mechanical switches
both with 12V and with 24V; available are versions with
contacts normally open or contacts normally closed, and black
seal connector IP 67/CEI EN 60529.
Features and Benefits
• All the mechanical switches function both with 12V and
with 24V
• Black seal connector IP 67/CEI EN 60529.
• Some versions are suitable for use under pressure
conditions
• Silver plated contacts
• The superseal connector is protected with a rubber cap to
prevent dirt intrusion before mounting
Accessories
PART NUMBER
DESCRIPTION
00712100
Seal female connector for all switches with
“Superseal” male connector
Ordering Information
PART
NUMBER
MATERIAL
BODY
TYPE
LOAD
WATT
CONTACT
MATERIAL
USE IN
PRESSURE NUT
00711100
Steel
Normally
Open
3 watt
lamp
silver-plated
-
22
00711200
Steel
Normally
Open
3 watt
lamp
silver-plated
-
22
00711300
Steel
Normally
Open
3 watt
lamp
silver-plated
-
22
00711400
Steel
Normally
Open
3 watt
lamp
silver-plated
-
27
00711700
Steel
Normally
Open
3 watt
lamp
silver-plated
-
22
00711900
Steel
Normally
Open
3 watt
lamp
silver-plated
-
27
00712000
Steel
Normally
Open
3 watt
lamp
silver-plated
12,5 bar
22
00713000
Steel
Normally
Open
3 watt
lamp
silver-plated
-
22
00711100
interchangeable with IVECO 98429631
00711400
interchangeable with IVECO 4862212
00711900
interchangeable with IVECO 99437106
00711200
interchangeable with IVECO 4858212
00711700
interchangeable with IVECO 50302971
00712100
00711300
interchangeable with IVECO 4862580
00712000
interchangeable with IVECO 99445107
00713000


Similar Part No. - 00711100

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1211.A2 SCHURTER-0071.1211.A2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.1211.B1 SCHURTER-0071.1211.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.1211.T2 SCHURTER-0071.1211.T2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.1211.xx SCHURTER-0071.1211.xx Datasheet
1Mb / 8P
   123-360VAC 800-13000A 5-25MM
0071.1221.A2 SCHURTER-0071.1221.A2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
More results

Similar Description - 00711100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00720000 LITTELFUSE-00720000 Datasheet
323Kb / 2P
   The mechanical switches signal many different situations that may occur on commercial vehiches: power takeoff signal light, Idle and reverse gear signal light, Inserted fifth gear signal light, etc
logo
List of Unclassifed Man...
UPMBB-05M ETC2-UPMBB-05M Datasheet
67Kb / 1P
   COLOR VARIATIONS MAY OCCUR
logo
Aries Electronics, Inc.
680 ARIES-680 Datasheet
897Kb / 1P
   Complete versatility for programming within the unit itself, thus eliminating the need for DIP switches in many situations
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
   Many mechanical components in the automotive sector have been replaced
logo
TDK Electronics
TCM0605G TDK-TCM0605G Datasheet
101Kb / 7P
   For high-speed differential signal line (USB2.0, LVDS, etc.)
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
logo
List of Unclassifed Man...
W55P241 ETC2-W55P241 Datasheet
871Kb / 32P
   I/O device usable with many different microprocessors through SPI interface
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com