Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

00425470 Datasheet(PDF) 1 Page - Littelfuse

Part No. 00425470
Description  The EBS system conforming to ISO/DIN 7638 is compulsory on all vehicles weighing over 3,5 tons
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

00425470 Datasheet(HTML) 1 Page - Littelfuse

  00425470 Datasheet HTML 1Page - Littelfuse 00425470 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 2
00420300 & 00425570 CONNECTORS
7-Pole Plastic Body EBS Sockets • 12V • ISO 7638-2
Specifications Overview
Voltage:
12V
Standards:
ISO 7638-2
Web Resources
Download technical resources at:
littelfuse.com/connectors
Description
The EBS system conforming to ISO/DIN 7638 is
compulsory on all vehicles weighing over 3,5 tons.
These connectors are used for the electrical connection of
the EBS braking system between a truck tractor and a trailer
or semitrailer in the commercial vehicles sector, both for 24V
and 12V electrical systems.
The connectors are available in a 7 pole version for the EBS
braking system.
EBS requires two additional contacts in order to permit the
exchange of data between cab and trailer, so as to optimize
the braking effect.
The sockets are provided with an expulsion system of the
plug in case it is not plugged in correctly.
Features and Benefits
• Standards: Conforms to ISO 7638-2, standards.
• Conforms to ADR/GGVS norm requirements for vehicles
transporting hazardous goods.
• Version of crimp contacts with a special tool.
• Version of screw contacts (suitable for the spare parts market)
• Mechanical resistance and watertightness guarantee an
efficient and reliable electrical connection.
00420300
00425300
00425370
00420700
00425400
00420900
00425500
00425470
00425570
Ordering Information
PART
NUMBER
ISO REAR CABLE
OUTLET
TERMINAL
TYPE
POLE
SECTION
CABLE
DIAMETER
00420300 7638-2
Screw-on
crimp
2x6+5x1,5 mm2
15,5 mm
00425300 7638-2
Screw-on
screw
2x6+5x1,5 mm2
15,5 mm
00425370 7638-2
Screw-on
screw
2x4+5x1,5 mm2
7/12 mm
00420700 7638-2
Bayonet
crimp
2x6+5x1,5 mm2
15,5 mm
00425400 7638-2
Bayonet
screw
2x6+5x1,5 mm2
15,5 mm
00425470 7638-2
Bayonet
screw
2x4+5x1,5 mm2
7/12 mm
00420900 7638-2 Bayonet 90°
crimp
2x6+5x1,5 mm2
15,5 mm
00425500 7638-2 Bayonet 90°
screw
2x6+5x1,5 mm2
15,5 mm
00425570 7638-2 Bayonet 90°
screw
2x4+5x1,5 mm2
7/12 mm


Similar Part No. - 00425470

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
00420100 LITTELFUSE-00420100 Datasheet
126Kb / 1P
   13-Pole Plastic Body Sockets ??12V ??ISO 11446
00421300 LITTELFUSE-00421300 Datasheet
126Kb / 1P
   13-Pole Plastic Body Sockets ??12V ??ISO 11446
00421400 LITTELFUSE-00421400 Datasheet
126Kb / 1P
   13-Pole Plastic Body Sockets ??12V ??ISO 11446
00421462 LITTELFUSE-00421462 Datasheet
126Kb / 1P
   13-Pole Plastic Body Sockets ??12V ??ISO 11446
Tyco Electronics
Tyco Electronics
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - 00425470

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
00585700 LITTELFUSE-00585700 Datasheet
194Kb / 2P
   The EBS system conforming to ISO/DIN 7638 is compulsory on all vehicles weighing over 3,5 tons
00557900 LITTELFUSE-00557900 Datasheet
127Kb / 1P
   EBS Coils ??24V ??HYTREL and Polyurethane ??ISO 7638-1
00556170 LITTELFUSE-00556170 Datasheet
108Kb / 1P
   ABS Coils ??24V/12V ??HYTREL and Polyurethane ??ISO 7638-1 and ISO 7638-2
TE Connectivity Ltd
TE Connectivity Ltd
SNR TEC-SNR Datasheet
319Kb / 2P
   Reduced system width for increased packing density on the DIN rail
Schneider Electric
Schneider Electric
PMESWT0100 SCHNEIDER-PMESWT0100 Datasheet
164Kb / 4P
   Partner Module Ethernet System Weighing Transmitter - 1 channel
Apr 20, 2022
ams AG
ams AG
AS5000-MR10-128 AMSCO-AS5000-MR10-128 Datasheet
139Kb / 1P
   DIN ISO 2768
MD8H-1 AMSCO-MD8H-1 Datasheet
216Kb / 1P
   DIN ISO 2768
PHOENIX CONTACT
PHOENIX CONTACT
3118135 PHOENIX-3118135 Datasheet
70Kb / 2P
   EBS 10- 8
Zilog, Inc.
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
Sharp Electrionic Components
Sharp Electrionic Compo...
GL382 SHARP-GL382 Datasheet
31Kb / 3P
   IrDA-Based SIR System-Conforming Infrared Emitting Diode
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz