Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3585DV Datasheet(PDF) 6 Page - Vaishali Semiconductor

Part No. SI3585DV
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SI3585DV Datasheet(HTML) 6 Page - Vaishali Semiconductor

  SI3585DV Datasheet HTML 1Page - Vaishali Semiconductor SI3585DV Datasheet HTML 2Page - Vaishali Semiconductor SI3585DV Datasheet HTML 3Page - Vaishali Semiconductor SI3585DV Datasheet HTML 4Page - Vaishali Semiconductor SI3585DV Datasheet HTML 5Page - Vaishali Semiconductor SI3585DV Datasheet HTML 6Page - Vaishali Semiconductor SI3585DV Datasheet HTML 7Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si3585DV
Vishay Siliconix
www.vishay.com
6
Document Number: 71184
S-03512—Rev. B, 04-Apr-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0.0
0.9
1.8
2.7
3.6
4.5
0.0
0.6
1.2
1.8
2.4
3.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
VDS = 10 V
ID = 2.4 A
VGS = 10 V
ID = 2.4 A
Gate Charge
Qg – Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0.01
0
1
6
8
2
4
10
30
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1234
5
VGS – Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
ID = 1.8 A
ID = 1.2 A
1.2
1.5
0.1
1
10
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
–0.4
–0.2
0.0
0.2
0.4
0.6
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ – Temperature (_C)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI6542DQ Dual N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6552DQ Dual N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI1016X Complementary N and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI3586DV N- and P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4511DY N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI3588DV N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI1035X Complementary N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI5517DU N- and P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI2323DS P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI9424BDY P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn