Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3585DV Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part No. SI3585DV
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

SI3585DV Datasheet(HTML) 4 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Si3585DV
Vishay Siliconix
www.vishay.com
4
Document Number: 71184
S-03512—Rev. B, 04-Apr-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
0.00
0.08
0.16
0.24
0.32
0.40
0
1234
5
VGS – Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
ID = 2.4 A
ID = 1 A
1.2
1.5
0.1
1
10
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–3
10–2
1
10
600
10–1
10–4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 87_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.01
0
1
6
8
2
4
10
30
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ – Temperature (_C)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn