Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQF-SMSU2-XXG-SBC Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SQF-SMSU2-XXG-SBC
Description  SATA III (6.0Gb) mSATA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-SMSU2-XXG-SBC Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SQF-SMSU2-XXG-SBC Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded M2M/IoT Modules
SQF-SMS 640
SATA III (6.0Gb) mSATA
SQF-SM8 640
SATA III (6.0Gb) M.2 2280
NEW
NEW
Features
ƒ MO-300 mSATA Module
ƒ Compliant with SATA III and SATA v3.2 standard
ƒ Support LDPC of ECC correct
ƒ Shock resistance, anti-vibration and low power consumption
ƒ GUI management tool & software API package
Specifications
Connect Type
Mini PCIe 52pin connector with SATA pin-out
Flash type
Ultra MLC / MLC
Capacity
Ultra MLC: 8 to 512GB
MLC: 16 to 512GB, 1TB
Transfer Mode
SATA III (6.0 Gbps)
Max. Power Consumption
Read: 520 mA, Write: 800 mA
Sustained R/W Performance (*)
Ultra MLC and MLC up to 560/495 MB/sec
Operating Temperature
Commercial grade: 0 to +70° C
Industrial grade: -40 to +85° C
Shock Resistance
1,500 G, peak / 0.5 ms
Vibration Resistance
20 G, peak / 80 ~ 2000 Hz
Dimensions (mm)
50.8 x 30 x 4.2
(*) These values are for reference only; they may change according to the flash memory used.
Ordering Information
PN
Description
SQF-SMSM2-XXG-SBC SQFlash 640 series mSATA MLC 16/32/64 GB, 2-CH
(0 ~ 70° C)
SQF-SMSM2-XXG-SBE SQFlash 640 series mSATA MLC 16/32/64 GB, 2-CH
(-40 ~ 85° C)
SQF-SMSM4-XX-SBC
SQFlash 640 series mSATA MLC 128/256/512 GB, 1TB
, 4-CH (0 ~ 70° C)
SQF-SMSM4-XX-SBE
SQFlash 640 series mSATA MLC 128/256/512 GB, 1TB
, 4-CH (-40 ~ 85° C)
SQF-SMSU2-XXG-SBC SQFlash 640 series mSATA Ultra MLC 8/16/32 GB, 2-CH
(0 ~ 70° C)
SQF-SMSU2-XXG-SBE SQFlash 640 series mSATA Ultra MLC 8/16/32 GB, 2-CH
(-40 ~ 85° C)
SQF-SMSU4-XX-SBC
SQFlash 640 series mSATA Ultra MLC 64/128/256/512
GB, 4-CH (0 ~ 70° C)
SQF-SMSU4-XX-SBE
SQFlash 640 series mSATA Ultra MLC 64/128/256/512
GB, 4-CH (-40 ~ 85° C)
Note: X stands for different capacities
Flash
Security ID
Life
Monitoring
Flash Lock Emergency
Erase
Features
ƒ NGFF M.2 2280 SSD
ƒ Interface: SATA III (6.0 Gbps)
ƒ Support LDPC of ECC correct
ƒ Shock resistance, anti-vibration and low power consumption
ƒ GUI management tool & software API package
ƒ Support hardware write protect
Flash
Security ID
Life
Monitoring
Flash Lock Emergency
Erase
Specifications
Connect Type
NGFF B+M key
Flash type
Ultra MLC / MLC
Capacity
Ultra MLC: 8 to 512GB
MLC: 16 to 512GB, 1TB
Transfer Mode
SATA III (6.0 Gbps)
Max. Power Consumption
Read: 520 mA, Write: 800 mA
Sustained R/W Performance (*)
Ultra MLC and MLC up to 560/495 MB/sec
Operating Temperature
Commercial grade: 0 to +70° C
Industrial grade: -40 to +85° C
Shock Resistance
1,500 G, peak / 0.5 ms
Vibration Resistance
20 G, peak / 80 ~ 2000 Hz
Dimensions (mm)
80.0 x 22.0 x 3.8
(*) These values are for reference only; they may change according to the flash memory used.
Ordering Information
PN
Description
SQF-SM8M2-XXG-SBC SQFlash 640 series M.2 2280 16/32/64 GB MLC, 2-CH
(0 ~ 70° C)
SQF-SM8M2-XXG-SBE SQFlash 640 series M.2 2280 16/32/64 GB MLC, 2-CH
(-40 ~ 85° C)
SQF-SM8M4-XX-SBC
SQFlash 640 series M.2 2280 128/256/512 GB, 1TB
MLC, 4-CH (0 ~ 70° C)
SQF-SM8M4-XX-SBE
SQFlash 640 series M.2 2280 128/256/512 GB , 1TB
MLC, 4-CH (-40 ~ 85° C)
SQF-SM8U2-XXG-SBC SQFlash 640 series M.2 2280 8/16/32 GB Ultra MLC,
2-CH (0 ~ 70° C)
SQF-SM8U2-XXG-SBE SQFlash 640 series M.2 2280 8/16/32 GB Ultra MLC,
2-CH (-40 ~ 85° C)
SQF-SM8U4-XX-SBC
SQFlash 640 series M.2 2280 64/128/256/512 GB Ultra
MLC, 4-CH (0 ~ 70° C)
SQF-SM8U4-XX-SBE
SQFlash 640 series M.2 2280 64/128/256/512 GB Ultra
MLC, 4-CH (-40 ~ 85° C)
All product specifications are subject to change without notice
Last updated : 5-Apr-2017


Similar Part No. - SQF-SMSU2-XXG-SBC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMSU2-4G-S9C ADVANTECH-SQF-SMSU2-4G-S9C Datasheet
866Kb / 25P
   Support SATA 1.5/3.0/6.0 Gbps interface
SQF-SMSU2-4G-S9E ADVANTECH-SQF-SMSU2-4G-S9E Datasheet
866Kb / 25P
   Support SATA 1.5/3.0/6.0 Gbps interface
More results

Similar Description - SQF-SMSU2-XXG-SBC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMS-630 ADVANTECH-SQF-SMS-630 Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMS-650 ADVANTECH-SQF-SMS-650 Datasheet
440Kb / 1P
   SATA III (6.0Gb) mSATA SSD
1-Aug-2022
SQF-SHM630 ADVANTECH-SQF-SHM630_V01 Datasheet
663Kb / 1P
   SATA III (6.0Gb) Half-Size mSATA
24-Apr-2018
SQF-SHM-630 ADVANTECH-SQF-SHM-630 Datasheet
648Kb / 1P
   SATA III (6.0Gb) Half-Size mSATA
24-Apr-2018
SQF-SHM-650 ADVANTECH-SQF-SHM-650 Datasheet
443Kb / 1P
   SATA III (6.0Gb) Hald-Size mSATA SSD
1-Aug-2022
SQF-S10630 ADVANTECH-SQF-S10630 Datasheet
717Kb / 1P
   SATA III (6.0Gb) CFast
SQF-S25830A ADVANTECH-SQF-S25830A Datasheet
410Kb / 1P
   SATA III (6.0Gb) 2.5
3-Mar-2017
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-SDM-630 ADVANTECH-SQF-SDM-630 Datasheet
625Kb / 1P
   SATA III (6.0Gb) Disk Module
23-Jul-2018
SQF-S10-650 ADVANTECH-SQF-S10-650 Datasheet
426Kb / 1P
   SATA III (6.0Gb) CFast Card
1-Aug-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com