Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP-UDS530 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # SRP-UDS530
Description  Increasing Shopper Engagement and Sales
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SRP-UDS530 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  SRP-UDS530 Datasheet HTML 1Page - Advantech Co., Ltd. SRP-UDS530 Datasheet HTML 2Page - Advantech Co., Ltd. SRP-UDS530 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Intelligent Digital Signage Player Comparison Table
Ordering Conguration Table
Package Offering
Application Software:
WebAccess/IMM
Digital Signage Server x1
WebAccess/IMM
Digital Signage Server Software
Operating System:
Microsoft® Windows
Embedded 7 Pro x1
Preinstalled Microsoft® Windows
Embedded 7 Pro
Optional Configuration
Option 100 Server Software
[101] Digital Signage Server Software (968SPUDSS0) ...................................................................................................................
Qty: ____
Option 200 System Computing
[201] Digital Signage Player Lite (2 Displays) (UBX-310UDS1-G1E-C) .............................................................................................
Qty: ____
[201] Digital Signage Player Standard (4 Displays) (DS-570UDS1-G1E-C) .......................................................................................
Qty: ____
[202] Digital Signage Player Pro (6 Displays) (DS-980UDS1-G1E-C) ...............................................................................................
Qty: ____
Order in 3 Easy Steps
Step 1: Login & Register
Step 2: Conguration
Step 3: Check & Submit
1.
2.
3.
Add to Cart
Confirm Order
Go MyAdvantech
SRP-UDS 530 Intelligent Digital Sigange Solution
Successful Case
Eye-Catching Video Wall for Luxury Cosmetics Brand
In Guanzhou, China, a high-end cosmetics brand
came out with a brilliant idea: to replace a plain and
boring wall with live-broadcasting video walls. The
retailer used a total of 18 units of 55" TVs as a video
wall and had it setup inside the shop. It not only
played seasonal advertisements, but it also integrat-
ed the whole shop interior as well as the shelf. At
one minute, the customers are immersed in a green
environment, the next moment they are bathed in a
red color that echo’s the brand's personality.
According to the retailer, this eye-catching video wall has successfully attracted customers to come in the store, and
the longer visits inside the shop have improved sales of the promoted products shown on the video wall.
Note: Select your required configuration, then log into MyAdvantech for order processing.
System Computing:
UBX-310UDS1-G1E-C
Preinstalled WebAccess/IMM
Digital Signage Client Software
Intel® Bay Trail J1900 Digital Signage
Player, 4GB DDR3L
www.advantech.com
Online Catalog
Advantech Headquarters
No. 1, Alley 20, Lane 26, Rueiguang Road, Neihu District, Taipei, Taiwan 11491
Tel: 886-2-2792-7818 Fax: 886-2-2794-7301
US/Canada: 1-888-576-9668
Europe: 00800-2426-8080/8081
China: 800-810-0345/8389
Taiwan: 800-777-111
Japan: 0800-500-1055
Korea: 080-363-9494/9495
Singapore: +65-6442-1000
Malaysia: 1800-88-1809
Australia:1300-308-531
Thailand: 66-2-248-3140
Indonesia: +62-21-7511939
Mexico: 1-800-467-2415
Lite
Standard
Pro
P/N
UBX-310UDS1-G1E-C
DS-570UDS1-G1E-C
DS-980UDS1-G1E-C
CPU
Intel Bay Trail J1900 2.4 GHz
Intel Bay Trail J1900 2.4 GHz
Intel Skylake i7-6700TE
RAM
4GB DDR3L 1333MHz
4GB DDR3L 1333MHz
8GB DDR4-2133MHz
Graphic
Intel HD Graphics
NVIDIA GeForce GT 730M
NVIDIA GT730 1G
Numbers of
2 (HDMI, VGA)
4 (2 x HDMI, 1 x DP++, 1 x VGA)
6 (6 x HDMI)
Display Output
Storage
SATA 2.5” HDD 500GB
SATA 2.5” HDD 500GB
SATA 2.5” HDD 500GB
Internet
1 x RJ45 (10/100/1000 Mbps)
2 x RJ45 (10/100/1000 Mbps)
2 x RJ45 (10/100/1000 Mbps)
I/O
5 x USB, 3 x COM, 1 x LPT
4 x USB, 3 x COM, 2 x Mini-PCIe
6 x USB, 3 x COM, 2 x Mini-PCIe
(Internal)
(Internal)
Power
12V DC-in
19V DC-in
12V DC-in 150W for top; optional
12V DC-in 84W for bottom
Size
245 x 45 x 185 mm
220 x 44.2 x 150 mm
190 x 250 x 88 mm
Weight
2.0 kg
1.7 kg
3.6kg
Operating
Microsoft Windows 7 Embedded
System
Software
WebAccess/IMM Digital Signage Client
Visualized Layout Editing Interface
Rich Widgets and Media Formats Supported
Convenient Centralized Management
IntelligentDigitalSignageSolution
Increasing Shopper Engagement and Sales
SRP-UDS530
Solution
Ready
Platform
iRetail
Digital Signage Server
iRetail Solution
Website
Driving Up Digital, Engaging and Creative Communication
Introducing SRP-UDS530 - An Intelligent Digital Signage Solution for Retail Business
Advantech's Intelligent Digital Signage solution delivers dynamic multimedia content with rich graphics for an immersive
viewing experience for consumers. The solution combines industrial grade digital signage players with WebAccess/IMM,
a web-based content editing/ publishing software and remote management. The friendly interface of WebAccess/IMM
allows users to easily edit and publish content to digital signage terminals around the world.
Software Architecture
Dashboard Design Features
Application Modules
(Dashboard)
Layout
Designer
Multimedia
Playback
Widgets
Display
Real-Time
Data Feed
RTSP
Streaming
Schedule
Control
Transmission
Receiver
Multi-zone &
Video Wall
Data
Logger
SW
Updater
Reliable
Watchdog
Inter-cut
Handling
APIs
Remote Device
Control
Transmission
Control
RESTful
APIs
Schedule
Management
Dashboard
Remote
Dispatcher
Central
Management
Dashboard
Conversion
Service
Signage
Player
Schedule and Dispatch
Content can be scheduled for
specific times. Users can pre-pro-
gram advertising content to various
locations in advance. It also
supports interrupt scheduling.
Remote Device Management
The system provides a server-client
architecture. It supports up to 500
players/clients. Users can also
monitor real-time device broadcast-
ing status through a dashboard.
“WYSIWYG” User Interface
Using the "what you see is what you
get (WYSIWYG)” user interface for
editing, users can drag-and-drop
content and view the layout as a
finalized artwork.
Media
Management
Account
Management
Device
Management
Proof of
Play
Multi Zone and Frameset
Support
WebAccess/IMM supports the creation
of multi zones and framesets whether
the network is on a single screen,
video wall or projection.
Digital Signage Server


Similar Part No. - SRP-UDS530

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-25-1001 IPDPOWER-SRP-25-1001 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-25-1002 IPDPOWER-SRP-25-1002 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-25-1003 IPDPOWER-SRP-25-1003 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-25-1004 IPDPOWER-SRP-25-1004 Datasheet
330Kb / 2P
   25 WATTS SINGLE/MULTI OUTPUT AC-DC
More results

Similar Description - SRP-UDS530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2282 STMICROELECTRONICS-AN2282 Datasheet
164Kb / 19P
   With the ever-increasing success
AN1479 STMICROELECTRONICS-AN1479 Datasheet
447Kb / 13P
   Due to increasing consumer awareness
logo
Sharp Corporation
PC357T13J00F SHARP-PC357T13J00F Datasheet
93Kb / 1P
   PC357T13J00F Sales and Technical Information
logo
Lumileds Lighting Compa...
DS165 LUMILEDS-DS165 Datasheet
3Mb / 20P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB193 LUMILEDS-PB193 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB194 LUMILEDS-PB194 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
logo
STMicroelectronics
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
   Increasing the resolution of analog temperature sensors
AN4390 STMICROELECTRONICS-AN4390 Datasheet
1Mb / 14P
   The UPS is gaining ever increasing importance
logo
API Technologies Corp
PA18-1580-010SA APITECH-PA18-1580-010SA Datasheet
683Kb / 1P
   SALES DRAWING
logo
Lumileds Lighting Compa...
DS194 LUMILEDS-DS194 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com