Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDL06-48S12 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCPDL06-48S12
Description  6 Watt DC/DC Power Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06-48S12 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCPDL06-48S12 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06-48S12 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06-48S12 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06-48S12 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06-48S12 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06-48S12 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06-48S12 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 7
MODEL NUMBER SET
DCPDL
06
-
48
S
12
M
Series Name
Output
Power
Input Voltage
Output Quantity
Output Voltage
Assembly Options
6: 6 Watts
5: 4.5-9 VDC
S: Single Output
33: 3.3 VDC
None:
Plastic Case w/ 1600VDC
isolation
12: 9-18 VDC
05: 5 VDC
H:
Plastic Case w/ 3000VDC
Isolation
24:
18-36
VDC
09: 9 VDC
M:
Metal Case w/ 1600VDC
isolation
48:
36-75
VDC
12: 12 VDC
15: 15 VDC
24: 24 VDC
D: Dual Output
05: ±5 VDC
12: ±12 VDC
15: ±15 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and
development engineers will provide a solution that exceeds your performance requirements on-time and on
budget. Our ISO9001-2008 certification is just one example of our commitment to producing a high quality, well-
documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for
working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements.
We will continue to provide ongoing support for your project above and beyond the design and production phases.
Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - DCPDL06-48S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06-48S12 WALL-DCPDL06-48S12 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDL06-48S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com