Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMIE03-48D15HI Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMIE03-48D15HI
Description  3 Watts DC/DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMIE03-48D15HI Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMIE03-48D15HI Datasheet HTML 1Page - Wall Industries,Inc. DCMIE03-48D15HI Datasheet HTML 2Page - Wall Industries,Inc. DCMIE03-48D15HI Datasheet HTML 3Page - Wall Industries,Inc. DCMIE03-48D15HI Datasheet HTML 4Page - Wall Industries,Inc. DCMIE03-48D15HI Datasheet HTML 5Page - Wall Industries,Inc. DCMIE03-48D15HI Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev B
DCMIE03-HI SERIES
3 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Size: 1.25in x 0.80in x 0.47in (31.8mm x 20.3mm x 12mm)
FEATURES
Wide 2:1 Input Voltage Range
Industry Standard DIP-24
Package
Fully Regulated Output Voltage
Ultra-High I/O Isolation
RoHS & REACH Compliant
Qualified for IGBT and High Isolation
Applications
Short Circuit, Over Load, and Over Voltage
Protection
UL/cU/IEC/EN 62368-1 (60905-1) Pending
Safety Approvals & CE Marking
DESCRIPTION
The DCMIE03-HI series of DC/DC converters offers 3 watts of output power in a 1.25”
x 0.80” x 0.47” industry standard DIP-24 package. This series consists of fully
regulated single and dual outputs with a wide 2:1 input voltage range. Each model in
this series has ultra-high I/O isolation, qualifies for IGBT and high isolation
applications, and has short circuit, over load, and over voltage protection. This series
has UL/cUL/IEC/EN 62368-1 (60905-1) pending safety approvals.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Maximum
Capacitive Load
Efficiency
Ripple & Noise
Output
Power
No Load Max. Load
DCMIE03-05S05HI
5VDC
(4.5~9VDC)
5VDC
700mA
20mA
854mA
750µF
82%
70mVp-p
3W
DCMIE03-05S58HI
5.8VDC
600mA
849mA
560µF
82%
DCMIE03-05S12HI
12VDC
290mA
839mA
130µF
83%
DCMIE03-05S15HI
15VDC
235mA
839mA
100µF
84%
DCMIE03-12S05HI
12VDC
(9~18VDC)
5VDC
700mA
8mA
356mA
750µF
82%
70mVp-p
3W
DCMIE03-12S12HI
12VDC
290mA
337mA
130µF
86%
DCMIE03-12S15HI
15VDC
235mA
338mA
100µF
87%
DCMIE03-24S05HI
24VDC
(18~36VDC)
5VDC
700mA
6mA
178mA
750µF
82%
70mVp-p
3W
DCMIE03-24S12HI
12VDC
290mA
171mA
130µF
85%
DCMIE03-24S15HI
15VDC
235mA
169mA
100µF
87%
DCMIE03-48S05HI
48VDC
(36~75VDC)
5VDC
700mA
4mA
89mA
750µF
82%
70mVp-p
3W
DCMIE03-48S12HI
12VDC
290mA
85mA
130µF
85%
DCMIE03-48S15HI
15VDC
235mA
86mA
100µF
85%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Maximum
Capacitive Load(1)
Efficiency
Reflected Ripple
Current
Output
Power
No Load Max. Load
DCMIE03-05D12HI
5VDC
(4.5~9VDC)
±12VDC
±145mA
35mA
829mA
75#µF
84%
70mVp-p
3W
DCMIE03-05D15HI
±15VDC
±115mA
821mA
56#µF
84%
DCMIE03-12D12HI
12VDC
(9~18VDC
±12VDC
±145mA
13mA
333mA
75#µF
87%
70mVp-p
3W
DCMIE03-12D15HI
±15VDC
±115mA
330mA
56#µF
87%
DCMIE03-24D12HI
24VDC
(18~36VDC)
±12VDC
±145mA
6mA
167mA
75#µF
87%
70mVp-p
3W
DCMIE03-24D15HI
±15VDC
±115mA
167mA
56#µF
86%
DCMIE03-48D12HI
48VDC
(36~75VDC)
±12VDC
±145mA
4mA
86mA
75#µF
84%
70mVp-p
3W
DCMIE03-48D15HI
±15VDC
±115mA
86mA
56#µF
84%


Similar Part No. - DCMIE03-48D15HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIE06-12D12HI WALL-DCMIE06-12D12HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMIE06-12D15HI WALL-DCMIE06-12D15HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMIE06-12S05HI WALL-DCMIE06-12S05HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMIE06-12S12HI WALL-DCMIE06-12S12HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMIE06-12S15HI WALL-DCMIE06-12S15HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCMIE03-48D15HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com