Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMSE02-12D15HI Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMSE02-12D15HI
Description  2 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSE02-12D15HI Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMSE02-12D15HI Datasheet HTML 1Page - Wall Industries,Inc. DCMSE02-12D15HI Datasheet HTML 2Page - Wall Industries,Inc. DCMSE02-12D15HI Datasheet HTML 3Page - Wall Industries,Inc. DCMSE02-12D15HI Datasheet HTML 4Page - Wall Industries,Inc. DCMSE02-12D15HI Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCMSE02-HI SERIES
2 Watts
DC/DC Converter
Single and Dual Output
1/12/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size: 0.94in x 0.54in x 0.35in (24mm x 13.7mm x 9mm)
FEATURES
Industrial SMD Package
Ultra-High I/O Isolation of 8000VDC
with Reinforced Insulation
RoHS & REACH Compliant
Qualified for IGBT and High Isolation Apps
Tape & Reel Package Available
Short Circuit Protection
UL/cUL/IEC/EN 60950-1 Safety Approvals
DESCRIPTION
The DCMSE02-HI series of DC/DC converters offers 2 watts of output power in an ultra-
compact 0.94” x 0.54” x 0.35” industrial SMD package. This series consists of single and
dual output models with ultra-high I/O isolation of 8000VDC with reinforced insulation.
Each model in this series is qualified for IGBT and high isolation applications, is RoHS
and REACH compliant, and has short circuit protection. This series has UL/cUL/IEC/EN
60950-1 safety approvals and tape & reel packaging is available.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Efficiency
Maximum
Capacitive Load
Output
Power
Min Load
Max Load
No Load
Max. Load
DCMSE02-05S05HI
5VDC
(4.5~5.5VDC)
5VDC
8mA
400mA
90mA
615mA
65%
330µF
2W
DCMSE02-05S12HI
12VDC
3mA
165mA
609mA
65%
DCMSE02-05S15HI
15VDC
2.5mA
133mA
605mA
66%
DCMSE02-12S05HI
12VDC
(10.8~13.2VDC)
5VDC
8mA
400mA
40mA
256mA
65%
330µF
2W
DCMSE02-12S12HI
12VDC
3mA
165mA
254mA
65%
DCMSE02-12S15HI
15VDC
2.5mA
133mA
252mA
66%
DCMSE02-24S05HI
24VDC
(21.6~26.4VDC)
5VDC
8mA
400mA
30mA
127mA
65%
330µF
2W
DCMSE02-24S12HI
12VDC
3mA
165mA
127mA
65%
DCMSE02-24S15HI
15VDC
2.5mA
133mA
126mA
66%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Efficiency
Maximum
Capacitive Load
Output
Power
Min Load
Max Load
No Load
Max. Load
DCMSE02-05D12HI
5VDC
(4.5~5.5VDC)
±12VDC
±1.5mA
±83mA
90mA
553mA
72%
100#µF
2W
DCMSE02-05D15HI
±15VDC
±1mA
±66mA
542mA
73%
DCMSE02-12D12HI
12VDC
(10.8~13.2VDC)
±12VDC
±1.5mA
±83mA
40mA
224mA
74%
100#µF
2W
DCMSE02-12D15HI
±15VDC
±1mA
±66mA
220mA
75%
DCMSE02-24D12HI
24VDC
(21.6~26.4VDC)
±12VDC
±1.5mA
±83mA
30mA
112mA
74%
100#µF
2W
DCMSE02-24D15HI
±15VDC
±1mA
±66mA
110mA
75%


Similar Part No. - DCMSE02-12D15HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1205-2 WALL-DCMSAU1205-2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
DCMSAU1205DH-1 WALL-DCMSAU1205DH-1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1205H-1 WALL-DCMSAU1205H-1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
More results

Similar Description - DCMSE02-12D15HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANK WALL-LANK_18 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com