Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMCU2-24S3.3 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMCU2-24S3.3
Description  2 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMCU2-24S3.3 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMCU2-24S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCMCU2-24S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCMCU2-24S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCMCU2-24S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCMCU2-24S3.3 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
DCMCU2 SERIES
2 Watt DC/DC Power Converters
12/30/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
TEST CONFIGURATIONS
Peak-to-Peak Output Noise Measurement Test
Use a 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz.
Position the load between 50mm and 75mm from the DC/DC converter.
DESIGN & FEATURE CONSIDERATIONS
Remote On/Off
Negative logic remote on/off turns the module OFF during a logic high voltage on the remote on/off pin and ON during a logic low. To turn
the module ON and OFF, the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. A logic high
is 2~4mA current applied via 1K
Ω resistor. A logic low is open circuit or high impedance.
Maximum Capacitive Load
The DCMCU2 series has a limitation of maximum connected capacitance on the output. The power module may be operated in current
limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum capacitance can be found in the model selection
table.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure
overload for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit
operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of
the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to
ensure startup.
A capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent
Series Resistance (ESR < 1
.0Ω at 100KHz) capacitor of 4.7µF for 12VDC nominal input models and 2.2µF for 24VDC and 48VDC nominal
input models.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise performance. To reduce
output ripple, it is recommended to use 3.3µF capacitors at the output.


Similar Part No. - DCMCU2-24S3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCMC ETC1-DCMC Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
logo
Cornell Dubilier Electr...
DCMC CDE-DCMC Datasheet
1Mb / 3P
   Screw Terminal Mounting Hardware and Accessories
logo
List of Unclassifed Man...
DCMC100M063AA0AP ETC1-DCMC100M063AA0AP Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
DCMC100M063AA0AS ETC1-DCMC100M063AA0AS Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
DCMC100M063AA0BP ETC1-DCMC100M063AA0BP Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
More results

Similar Description - DCMCU2-24S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com