Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW02-24S12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCSDW02-24S12
Description  Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW02-24S12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCSDW02-24S12 Datasheet HTML 1Page - Wall Industries,Inc. DCSDW02-24S12 Datasheet HTML 2Page - Wall Industries,Inc. DCSDW02-24S12 Datasheet HTML 3Page - Wall Industries,Inc. DCSDW02-24S12 Datasheet HTML 4Page - Wall Industries,Inc. DCSDW02-24S12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCSDW02 SERIES
Up to 2.01 Watts
DC/DC Converter
Single and Dual Outputs
9/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
@Full Load
Ripple & Noise
No Load
Input Current
Output Power
Maximum
Capacitive Load
Efficiency
DCSDW02-12D05
12VDC
(4.5~18)
±5VDC
±200mA
50mVp-p
30mA
Up to 2.01
±660µF
80%
DCSDW02-12D12
±12VDC
±83mA
30mA
±330µF
84%
DCSDW02-12D15
±15VDC
±67mA
30mA
±220µF
84%
DCSDW02-24D05
24VDC
(9~36)
±5VDC
±200mA
50mVp-p
18mA
Up to 2.01
±660µF
80%
DCSDW02-24D12
±12VDC
±83mA
18mA
±330µF
82%
DCSDW02-24D15
±15VDC
±67mA
18mA
±220µF
81%
DCSDW02-48D05
48VDC
(18~75)
±5VDC
±200mA
50mVp-p
11mA
Up to 2.01
±660µF
79%
DCSDW02-48D12
±12VDC
±83mA
11mA
±330µF
82%
DCSDW02-48D15
±15VDC
±67mA
11mA
±220µF
82%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
12Vin(nom)
4.5
12
18
VDC
24Vin(nom)
9
24
36
48Vin(nom)
18
48
75
Input Surge Voltage (1 second, max.)
12Vin(nom)
25
VDC
24Vin(nom)
50
48Vin(nom)
100
Input Reflected Ripple Current(1)
20
mAp-p
Input Filter
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
-1.0
+1.0
%
10% Load to 90% Load
Single
-0.5
+0.5
%
Dual
-0.8
+0.8
Cross Regulation
Asymmetrical Load 25%/100% FL; Dual Outputs
-5.0
+5.0
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
Measured by 20MHz Bandwidth
50
mVp-p
Transient Response Recovery Time
25% Load step change
500
µS
Start-Up Time
Constant Resistive Load
Power Up
5
10
Ms
Remote ON/OFF
5
10
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL
Positive Logic
DC-DC ON
Open or High Impedance
Ctrl Pin Applied Current via 1k
Ω
DC-DC OFF
2.0
3.0
4.0
mA
Remote Off Input Current
2.5
mA
Application Circuit
PROTECTION
Short Circuit Protection
Continuous
Automatic Recovery


Similar Part No. - DCSDW02-24S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D05SH WALL-DCSDW01-05D05SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D12SH WALL-DCSDW01-05D12SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D15SH WALL-DCSDW01-05D15SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D24SH WALL-DCSDW01-05D24SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCSDW02-24S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com