Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMCU2-24D12 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCMCU2-24D12
Description  2 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMCU2-24D12 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCMCU2-24D12 Datasheet HTML 1Page - Wall Industries,Inc. DCMCU2-24D12 Datasheet HTML 2Page - Wall Industries,Inc. DCMCU2-24D12 Datasheet HTML 3Page - Wall Industries,Inc. DCMCU2-24D12 Datasheet HTML 4Page - Wall Industries,Inc. DCMCU2-24D12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev A
DCMCU2 SERIES
2 Watt DC/DC Power Converters
12/30/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
DESIGN & FEATURE CONSIDERATIONS
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board spacing. To
avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below
105°C. The derating curves are determined from measurements obtained in a test setup.
MODEL NUMBER SETUP
DCMCU
2
-
24
S
12
Series Name
Output Power
Input Voltage
No. of Outputs
Output Voltage
2: 2 Watts
12: 4.5 – 18 VDC
S: Single Output
3.3: 3.3 VDC
24: 9 – 36 VDC
05: 5 VDC
48: 18 – 75 VDC
12: 12 VDC
15: 15 VDC
D: Dual Output
05: ±5 VDC
12: ±12 VDC
15: ±15 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCMCU2-24D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCMC ETC1-DCMC Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
logo
Cornell Dubilier Electr...
DCMC CDE-DCMC Datasheet
1Mb / 3P
   Screw Terminal Mounting Hardware and Accessories
logo
List of Unclassifed Man...
DCMC100M063AA0AP ETC1-DCMC100M063AA0AP Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
DCMC100M063AA0AS ETC1-DCMC100M063AA0AS Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
DCMC100M063AA0BP ETC1-DCMC100M063AA0BP Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
More results

Similar Description - DCMCU2-24D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com