Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW02-12S05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCSDW02-12S05
Description  Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW02-12S05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCSDW02-12S05 Datasheet HTML 1Page - Wall Industries,Inc. DCSDW02-12S05 Datasheet HTML 2Page - Wall Industries,Inc. DCSDW02-12S05 Datasheet HTML 3Page - Wall Industries,Inc. DCSDW02-12S05 Datasheet HTML 4Page - Wall Industries,Inc. DCSDW02-12S05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCSDW02 SERIES
Up to 2.01 Watts
DC/DC Converter
Single and Dual Outputs
9/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
DIP Type (Standard)
SMD Package (“S” Suffix)
Size: 0.56in x 0.36in x 0.40in (14.2mm x 9.1mm x 10.2mm)
Size: 0.52in x 0.36in x 0.40in (13.2mm x 9.1mm x 10.2mm)
OPTIONS
FEATURES
SMD or SIP Package Type
Input Voltage
Single or Dual Output
Isolation
4:1 Ultra Wide Input Range
Single and Dual Outputs
Ultra Small Package
SMD and DIP Packages Available
SMD Package Qualified for Lead Free Reflow
Solder Process According to IPC J-STD-020D
Short Circuit Protection
Remote Control
High Efficiency up to 84%
No Minimum Load Required
1600VDC Input to Output Isolation and 3000VDC
for Option
CE Marked
Compliant to RoHS II & REACH
UL60950-1, EN60950-1, and IEC60950-1 Safety
Approvals
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment
The DCSDW02 series of DC/DC converters offers up to 2.01 watts of output power in a compact DIP or
SMD package. This series consists of single and dual outputs with ultra wide 4:1 input voltage range.
Each model in this series has high efficiency, no minimum required load, short circuit protection, and is
CE marked and compliant to RoHS II & REACH. This series has 1600VDC input to output isolation and
UL60950-1, EN60950-1, and IEC60950-1 safety approvals. Please call factory for order details.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
@Full Load
Ripple & Noise
No Load
Input Current
Output Power
Maximum
Capacitive Load
Efficiency
DCSDW02-12S33
12VDC
(4.5~18)
3.3VDC
500mA
50mVp-p
25mA
Up to 2.01
2200µF
77%
DCSDW02-12S05
5VDC
400mA
30mA
1000µF
80%
DCSDW02-12S12
12VDC
167mA
30mA
550µF
83%
DCSDW02-12S15
15VDC
134mA
30mA
440µF
84%
DCSDW02-12S24
24VDC
83mA
30mA
200µF
84%
DCSDW02-24S33
24VDC
(9~36)
3.3VDC
500mA
50mVp-p
15mA
Up to 2.01
2200µF
76%
DCSDW02-24S05
5VDC
400mA
18mA
1000µF
79%
DCSDW02-24S12
12VDC
167mA
18mA
550µF
82%
DCSDW02-24S15
15VDC
134mA
18mA
440µF
83%
DCSDW02-24S24
24VDC
83mA
18mA
200µF
82%
DCSDW02-48S33
48VDC
(18~75)
3.3VDC
500mA
50mVp-p
8mA
Up to 2.01
2200µF
75%
DCSDW02-48S05
5VDC
400mA
8mA
1000µF
81%
DCSDW02-48S12
12VDC
167mA
11mA
550µF
83%
DCSDW02-48S15
15VDC
134mA
11mA
440µF
82%
DCSDW02-48S24
24VDC
83mA
11mA
200µF
82%


Similar Part No. - DCSDW02-12S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D05SH WALL-DCSDW01-05D05SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D12SH WALL-DCSDW01-05D12SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D15SH WALL-DCSDW01-05D15SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D24SH WALL-DCSDW01-05D24SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCSDW02-12S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com