Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMFW02-48S033 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMFW02-48S033
Description  2 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMFW02-48S033 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMFW02-48S033 Datasheet HTML 1Page - Wall Industries,Inc. DCMFW02-48S033 Datasheet HTML 2Page - Wall Industries,Inc. DCMFW02-48S033 Datasheet HTML 3Page - Wall Industries,Inc. DCMFW02-48S033 Datasheet HTML 4Page - Wall Industries,Inc. DCMFW02-48S033 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCMFW02 SERIES
2 Watts
DC/DC Converter
Single and Dual Output
2/1/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size: 0.55in x 0.55in x 0.31in (14mm x 14mm x 8mm)
FEATURES
Wide 2:1 Input Voltage Range
Ultra-Compact DIP-8 Package
Full Regulated Output Voltage
RoHS & REACH Compliant
No Minimum Load Requirement
Over Load and Short Circuit Protection
UL/cUL/IEC/EN 60950-1 Safety Approval
& CE Marking
DESCRIPTION
The DCMFW02 series of DC/DC converters offers up to 2 watts of output power in an
ultra-compact 0.55” x 0.55” x 0.31” DIP-8 package. This series consists of both single
and dual, fully-regulated output models and a wide 2:1 input voltage range. Each
model in this series has over load and short circuit protection, is RoHS & REACH
compliant, and requires no minimum load. This series has UL/cUL/IEC/EN 60905-1
safety approval & CE marking. Please contact factory for order details.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Efficiency
Output Power
Maximum
Capacitive Load
Ripple & Noise
@Max Load
@No Load
DCMFW02-05S033
5VDC
(4.5~10VDC)
3.3VDC
400mA
334mA
40mA
79%
2 Watts
100µF
70mVp-p
DCMFW02-05S05
5VDC
400mA
494mA
81%
DCMFW02-05S12
12VDC
167mA
472mA
85%
DCMFW02-05S15
15VDC
134mA
462mA
87%
DCMFW02-12S033
12VDC
(9~18VDC)
3.3VDC
400mA
138mA
27mA
80%
2 Watts
100µF
70mVp-p
DCMFW02-12S05
5VDC
400mA
201mA
83%
DCMFW02-12S12
12VDC
167mA
192mA
87%
DCMFW02-12S15
15VDC
134mA
193mA
87%
DCMFW02-24S033
24VDC
(18~36VDC)
3.3VDC
400mA
70mA
15mA
79%
2 Watts
100µF
70mVp-p
DCMFW02-24S05
5VDC
400mA
99mA
84%
DCMFW02-24S12
12VDC
167mA
97mA
86%
DCMFW02-24S15
15VDC
134mA
96mA
87%
DCMFW02-48S033
48VDC
(36~75VDC)
3.3VDC
400mA
35mA
8mA
79%
2 Watts
100µF
70mVp-p
DCMFW02-48S05
5VDC
400mA
50mA
83%
DCMFW02-48S12
12VDC
167mA
49mA
85%
DCMFW02-48S15
15VDC
134mA
49mA
86%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Efficiency Output Power
Maximum
Capacitive Load(1)
Ripple & Noise
@Max Load
@No Load
DCMFW02-05D05
5VDC
(4.5~10VDC)
±5VDC
±200mA
482mA
40mA
83%
2 Watts
100#µF
70mVp-p
DCMFW02-05D12
±12VDC
±83mA
469mA
85%
DCMFW02-05D15
±15VDC
±67mA
473mA
85%
DCMFW02-12D05
12VDC
(9~18VDC)
±5VDC
±200mA
198mA
27mA
84%
2 Watts
100#µF
70mVp-p
DCMFW02-12D12
±12VDC
±83mA
193mA
86%
DCMFW02-12D15
±15VDC
±67mA
195mA
86%
DCMFW02-24D05
24VDC
(18~36VDC)
±5VDC
±200mA
99mA
15mA
84%
2 Watts
100#µF
70mVp-p
DCMFW02-24D12
±12VDC
±83mA
97mA
86%
DCMFW02-24D15
±15VDC
±67mA
97mA
86%
DCMFW02-48D05
48VDC
(36~75VDC)
±5VDC
±200mA
51mA
8mA
82%
2 Watts
100#µF
70mVp-p
DCMFW02-48D12
±12VDC
±83mA
49mA
84%
DCMFW02-48D15
±15VDC
±67mA
50mA
84%


Similar Part No. - DCMFW02-48S033

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05D05 WALL-DCMFW03-05D05 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05D12 WALL-DCMFW03-05D12 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05D15 WALL-DCMFW03-05D15 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05S033 WALL-DCMFW03-05S033 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCMFW02-48S033

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANK WALL-LANK_18 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com