Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDL06 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCPDL06
Description  6 Watt DC/DC Power Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCPDL06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS: DCPDL06 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
9
VDC
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
75
Input Surge Voltage (1 sec)
5VDC nominal input models
15
VDC
12VDC nominal input models
36
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Input Reflected Ripple Current (See Note
1)
30
mAp-p
Input Filter
Capacitor type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load an nominal Vin
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Load Regulation
No load to full load
Single Output Models
-1.0
+1.0
%
Dual Output Models
-1.0
+1.0
Cross Regulation (Dual Output Models)
Asymmetrical load 25% / 100% FL
-5
+5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise
20MHz Bandwidth
50
75
mVp-p
Transient Response Recovery Time
25% load step change
500
µs
Start-Up Time
Power Up
Nominal input and constant resistive load
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF
Positive Logic
DC/DC ON
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
Open or high impedance
DC/DC OFF
2
3
4
mA
Negative Logic
DC/DC ON
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
2
3
4
mA
DC/DC OFF
Open or high impedance
Remote Off Input Current
2.5
mA
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Input Under Voltage Protection
yes
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
Full load to minimum load
100
KHz
Isolation Voltage (1 min)
Input to Output
Standard models
1600
VDC
Suffix “M” models
1600
Suffix “H” models (only available with plastic case)
3000
Input to Case
Suffix “M” models
1000
VDC
Output to
Case
Suffix “M” models
1000
VDC
Isolation Resistance
500VDC
1
Isolation Capacitance
Standard models
50
pF
Suffix “M” models
50
Suffix “H” models (only available with plastic case)
50


Similar Part No. - DCPDL06

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D12 WALL-DCPDL06-12D12 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D15 WALL-DCPDL06-12D15 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12S05 WALL-DCPDL06-12S05 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDL06

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com