Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QBB100A60 Datasheet(PDF) 1 Page - SanRex Corporation

Part No. QBB100A60
Description  TRANSISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

QBB100A60 Datasheet(HTML) 1 Page - SanRex Corporation

  QBB100A60 Datasheet HTML 1Page - SanRex Corporation QBB100A60 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
QCA100A/QBB100A40/60
TRANSISTOR MODULE
UL;E76102
(M)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Characteristics
Symbol
Item
Conditions
Ratings
QCA100A40
QBB100A40
QCA100A60
QBB100A60
Unit
VCBO
Collector-Base Voltage
400
600
V
VCEX
Collector-Emitter Voltage
VBE
=−2V
400
600
V
Emitter-Base Voltage
V
VEBO
10
IC
Collector Current
()pw≦1ms
100
(200)
A
−IC
Reverse Collector Current
100
A
IB
Base Current
6
A
PT
Total power dissipation
TC
=25℃
620
W
Tj
Junction Temperature
−40 to +150
Tstg
Storage Temperature
−40 to +125
VISO
Isolation Voltage
A.C.1minute
2500
V
Mounting
Torque
Mounting
(M5)
Terminal
(M5)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
N
・m
(
㎏f・B)
Mass
QCA100A/QBB100A
Typical Value
360/340
g
Unit
:A
Symbol
Item
Conditions
Ratings
Min.
Max.
1.0
400
75/100
2.0
2.5
2.0
Unit
ICBO
Collector Cut-off Current
VCB
=VCBO
mA
IEBO
Emitter Cut-off Current
VEB
=VEBO
mA
300
VCEO(SUS)
Collector Emitter
Sustaning Voltage
QCA100A40
QBB100A40
QCA100A60
QBB100A60
QCA100A40
QBB100A40
QCA100A60
QBB100A60
Ic
=1A
V
450
400
VCEX(SUS)
Ic
=20A,IB2=−5A
V
600
hFE
DC Current Gain
Ic
=100A,VCE=2V/5V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic
=100A,IB=1.4A
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic
=100A,IB=1.4A
V
μs
ton
On Time
Vcc
=300V,Ic=100A
IB1
=2A,IB2=−2A
Switching Time
95max
M5×10
110Tab
80±0.25
C2
B2
X
X
B1
E1
E2
C1
23
23
4ーφ5.5
NAME PLATE
102.0max
63.0±0.2
(3.0) 15.8
15.8
6-M5
4-φ5.4
15.8
(1.5)
3.4
10.5
15.8 15.8
C1
B1
C2E1
B2
E2
B2X
C2
B2
E2
C1
B1
E1
QCA
QBB
QCA100A and QBB100A is a dual Darlington power
transistor modules with two high speed, high power
Darlington transistors. Each transistor has a reverse
paralleled fast recovery diode.
QCA100A
…Series-connected type
QBB100A
…Separate Type
IC
=100A, VCEX=400/600V
Low saturation voltage for higher efficiency.
Isolated mounting base
VEBO 10V for faster switching speed.
(Applications)
Motor Control
(VVVF)
, AC/DC Servo, UPS,
Switching Power Supply, Ultrasonic Application
Thermal Impedance
12.00
3.00
1.40
0.2/0.6
V
℃/W
Storage Time
Fall Time
ts
tf
−Ic=100A
Transistor part
/Diode part
VECO
Rth(j-c)
Collector-Emitter Reverse Voltage
SanRex
®


Similar Part No. - QBB100A60

ManufacturerPart No.DatasheetDescription
SanRex Corporation
SanRex Corporation
QBB150A40 SANREX-QBB150A40 Datasheet
114Kb / 2P
   TRANSISTOR MODULE
QBB150A60 SANREX-QBB150A60 Datasheet
114Kb / 2P
   TRANSISTOR MODULE
More results

Similar Description - QBB100A60

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
SQD200A40 ETC-SQD200A40 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
SanRex Corporation
SanRex Corporation
QCA75AA120 SANREX-QCA75AA120 Datasheet
103Kb / 2P
   TRANSISTOR MODULE
QCA50B SANREX-QCA50B Datasheet
412Kb / 2P
   TRANSISTOR MODULE
QCA75A SANREX-QCA75A Datasheet
110Kb / 2P
   TRANSISTOR MODULE
QCA30B40 SANREX-QCA30B40 Datasheet
508Kb / 2P
   TRANSISTOR MODULE
QCA100BA60 SANREX-QCA100BA60 Datasheet
456Kb / 2P
   TRANSISTOR MODULE
QCA75AA100 SANREX-QCA75AA100 Datasheet
758Kb / 4P
   Transistor Module
QCA150AA120 SANREX-QCA150AA120 Datasheet
105Kb / 2P
   TRANSISTOR MODULE
SQD300AA120 SANREX-SQD300AA120 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
QCA150A SANREX-QCA150A Datasheet
114Kb / 2P
   TRANSISTOR MODULE
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz