Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMFW02-12S033 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMFW02-12S033
Description  2 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMFW02-12S033 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMFW02-12S033 Datasheet HTML 1Page - Wall Industries,Inc. DCMFW02-12S033 Datasheet HTML 2Page - Wall Industries,Inc. DCMFW02-12S033 Datasheet HTML 3Page - Wall Industries,Inc. DCMFW02-12S033 Datasheet HTML 4Page - Wall Industries,Inc. DCMFW02-12S033 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
DCMFW02 SERIES
2 Watts
DC/DC Converter
Single and Dual Output
2/1/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
NOTES
1.
# for each output.
2.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
3.
Other inputs and outputs may be available, please contact factory.
4.
To meet EN61000-4-4 & EN61000-4-5 and external capacitor across the input pins is required. Suggested capacitor: 220µF/100V.
5.
To meet EN55022 Class A, B an external filter is necessary. Please contact factory.
6.
Natural Convection is about 20LFM but is not equal to still air (0 LFM).
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
MECHANICAL DRAWINGS
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
-Vin
-Vin
4
+Vin
+Vin
5
+Vout
+Vout
6
No Pin
Common
7
-Vout
-Vout
All dimensions in mm (inches)
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 (X.XXX±0.01)
Pin Diameter Ø0.5±0.05 (0.02±0.002)


Similar Part No. - DCMFW02-12S033

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05D05 WALL-DCMFW03-05D05 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05D12 WALL-DCMFW03-05D12 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05D15 WALL-DCMFW03-05D15 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03-05S033 WALL-DCMFW03-05S033 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCMFW02-12S033

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANK WALL-LANK_18 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com