Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMFW03-05S05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMFW03-05S05
Description  3 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMFW03-05S05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMFW03-05S05 Datasheet HTML 1Page - Wall Industries,Inc. DCMFW03-05S05 Datasheet HTML 2Page - Wall Industries,Inc. DCMFW03-05S05 Datasheet HTML 3Page - Wall Industries,Inc. DCMFW03-05S05 Datasheet HTML 4Page - Wall Industries,Inc. DCMFW03-05S05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCMFW03 SERIES
3 Watts
DC/DC Converter
Single and Dual Output
2/3/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size: 0.55in x 0.55in x 0.31in (14mm x 14mm x 8mm)
FEATURES
Wide 2:1 Input Voltage Range
Ultra-Compact DIP-8 Package
Fully Regulated Output Voltage
No Minimum Load Requirement
Over Load and Short Circuit Protection
RoHS and REACH Compliant
UL/cUL/IEC/EN 60950-1 Safety Approval
& CE Marking
DESCRIPTION
The DCMFW03 series of DC/DC converters offers up to 3 watts of output power in an
ultra-compact 0.55” x 0.55” x 0.31” DIP-8 package. This series consists of single and
dual fully regulated outputs and a wide 2:1 input voltage range. Each model in this
series is RoHS and REACH compliant, has over load and short circuit protection, and
requires no minimum load. This series has UL/cUL/IEC/EN 60950-1 safety approvals
and CE marking.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Efficiency
Output Power
Maximum
Capacitive Load
Ripple & Noise
@Max Load
@No Load
DCMFW03-05S033
5VDC
(4.5~10VDC)
3.3VDC
600mA
501mA
45mA
79%
3 Watts
100µF
70mVp-p
DCMFW03-05S05
5VDC
600mA
741mA
81%
DCMFW03-05S12
12VDC
250mA
706mA
85%
DCMFW03-05S15
15VDC
200mA
706mA
85%
DCMFW03-12S033
12VDC
(9~18VDC)
3.3VDC
600mA
206mA
27mA
80%
3 Watts
100µF
70mVp-p
DCMFW03-12S05
5VDC
600mA
301mA
83%
DCMFW03-12S12
12VDC
250mA
287mA
87%
DCMFW03-12S15
15VDC
200mA
287mA
87%
DCMFW03-24S033
24VDC
(18~36VDC)
3.3VDC
600mA
103mA
16mA
80%
3 Watts
100µF
70mVp-p
DCMFW03-24S05
5VDC
600mA
151mA
83%
DCMFW03-24S12
12VDC
250mA
144mA
87%
DCMFW03-24S15
15VDC
200mA
144mA
87%
DCMFW03-48S033
48VDC
(36~75VDC)
3.3VDC
600mA
600mA
10mA
79%
3 Watts
100µF
70mVp-p
DCMFW03-48S05
5VDC
600mA
600mA
82%
DCMFW03-48S12
12VDC
250mA
250mA
86%
DCMFW03-48S15
15VDC
200mA
200mA
86%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Efficiency Output Power
Maximum
Capacitive Load(1)
Ripple & Noise
@Max Load
@No Load
DCMFW03-05D05
5VDC
(4.5~10VDC)
±5VDC
±300mA
732mA
454mA
82%
3 Watts
100#µF
70mVp-p
DCMFW03-05D12
±12VDC
±125mA
714mA
84%
DCMFW03-05D15
±15VDC
±100mA
706mA
85%
DCMFW03-12D05
12VDC
(9~18VDC)
±5VDC
±300mA
298mA
27mA
84%
3 Watts
100#µF
70mVp-p
DCMFW03-12D12
±12VDC
±125mA
291mA
86%
DCMFW03-12D15
±15VDC
±100mA
287mA
87%
DCMFW03-24D05
24VDC
(18~36VDC)
±5VDC
±300mA
149mA
16mA
84%
3 Watts
100#µF
70mVp-p
DCMFW03-24D12
±12VDC
±125mA
145mA
86%
DCMFW03-24D15
±15VDC
±100mA
144mA
87%
DCMFW03-48D05
48VDC
(36~75VDC)
±5VDC
±300mA
76mA
10mA
82%
3 Watts
100#µF
70mVp-p
DCMFW03-48D12
±12VDC
±125mA
74mA
85%
DCMFW03-48D15
±15VDC
±100mA
74mA
85%


Similar Part No. - DCMFW03-05S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05D05 WALL-DCMFW02-05D05 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05D12 WALL-DCMFW02-05D12 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05D15 WALL-DCMFW02-05D15 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05S033 WALL-DCMFW02-05S033 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCMFW03-05S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com