Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCBOB48S12-3H Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCBOB48S12-3H
Description  Up to 3 Watts, DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBOB48S12-3H Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCBOB48S12-3H Datasheet HTML 1Page - Wall Industries,Inc. DCBOB48S12-3H Datasheet HTML 2Page - Wall Industries,Inc. DCBOB48S12-3H Datasheet HTML 3Page - Wall Industries,Inc. DCBOB48S12-3H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev A
DCBOB3 SERIES
Up to 3 Watts, DC/DC Power Converters
07/24/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1. Output current under this value will not damage these devices; however, they may not meet all listed specifications.
Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
DCBOB3 Series Derating Curve
EFFICIENCY CURVES
DCBOB48S05-3H Efficiency vs Input Voltage
DCBOB48S05-3H Efficiency vs Output Current
CHARACTERISTIC CURVES
Transient Response at 50%~100% Max Load
Loop Gain & Phase at Vin=48VDC, Full Load


Similar Part No. - DCBOB48S12-3H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB48S12-5H WALL-DCBOB48S12-5H Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBOB48S12-5H WALL-DCBOB48S12-5H Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
More results

Similar Description - DCBOB48S12-3H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12_16 Datasheet
437Kb / 4P
   Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com