Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBA2-5S72H6 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHBA2-5S72H6
Description  2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA2-5S72H6 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHBA2-5S72H6 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA2-5S72H6 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA2-5S72H6 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA2-5S72H6 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA2-5S72H6 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA2-5S72H6 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA2-5S72H6 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev C
DCHBA2 SERIES
2 Watts
Medical Isolated DC/DC Power Converter
Non-Regulated Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
5.5
VDC
12VDC nominal input models
10.8
12
13.2
15VDC nominal input models
13.5
15
16.5
24VDC nominal input models
21.6
24
26.4
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Nominal Vin and Full Load
±5
%
Line Regulation
For Vin change of 1%
±1.5
%
Load Regulation
10% Load to Full Load
3.3V models
20
%
5V models
15
All other models
10
Output Power
2
W
Output Current
See Table
Minimum Load
0
A
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
200
mVp-p
Voltage Balance
Dual Output
±1
%
PROTECTION
Short Circuit Protection
1 Second
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Maximum Case Temperature
+95
ºC
Relative Humidity
95
% RH
Reliability, calculated MTBF
2,000,000
hours
GENERAL SPECIFICATIONS
Efficiency
Nominal Input and Full Load
See Table
Switching Frequency
80
kHz
Isolation Voltage
Input to Output
Test duration 1 second
6400
VDC
Isolation Resistance
500VDC
10
G
Ω
Isolation Capacitance
10
pF
PHYSICAL SPECIFICATIONS
Weight
0.15oz (4.3g) typ.
Dimensions (L x W x H)
0.77in x 0.50in x 0.39in
(19.5mm x 12.5mm x 9.8mm)
Case Material
Plastic (UL94 V-0)
Potting Material
Epoxy (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC 60950-1
EN 60950-1
IEC 60601-1
EN 60601-1
NOTES
(1)
For 8KVDC I/0 isolation replace the “H6” suffix in the model number with “H8” (Ex. DCHBA2-12S12H8)
(2)
For each output.
(3)
Typical value tested at nominal input and full load.
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - DCHBA2-5S72H6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA2 WALL-DCHBA2 Datasheet
593Kb / 7P
   2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
More results

Similar Description - DCHBA2-5S72H6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA2 WALL-DCHBA2 Datasheet
593Kb / 7P
   2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCHBA1 WALL-DCHBA1 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA1 WALL-DCHBA1_18 Datasheet
647Kb / 7P
   1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
logo
Mean Well Enterprises C...
NID35 MEANWELL-NID35 Datasheet
1Mb / 3P
   35W DC-DC Non-Isolated Regulated Converter
NID100-4.2 MEANWELL-NID100-4.2 Datasheet
570Kb / 3P
   100W DC-DC Non-Isolated Regulated Converter
2022-11-16
logo
Wall Industries,Inc.
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com