Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

217 Datasheet(PDF) 2 Page - Littelfuse

Part # 217
Description  5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

217 Datasheet(HTML) 2 Page - Littelfuse

  217 Datasheet HTML 1Page - Littelfuse 217 Datasheet HTML 2Page - Littelfuse 217 Datasheet HTML 3Page - Littelfuse 217 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/08/17
Axial Lead & Cartridge Fuses
5×20 mm > Fast-Acting > 217 Series
Electrical Characteristic Specifications by Item
Average Time Current Curves
CURRENT IN AMPERES
10000
1000
100
10
1
0.1
0.01
0.01
0.1
110
100
1000
0.001
Temperature Re-rating Curve
Amp
Code
Amp
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Maximum
Voltage Drop
at Rated
Current
(mV)
Maximum
Power
Dissipation
At
1.5ln(W)
Agency Approvals
PS
E
.032
0.032
250
35A @ 250VAC
262.2000
0.00015
10000
1.6
x
x
x
x
x
x
x
.040
0.04
250
183.1500
0.00008
8000
1.6
x
x
x
x
x
x
x
.050
0.05
250
15.2000
0.00049
7000
1.6
x
x
x
x
x
x
x
.063
0.063
250
10.4500
0.00056
5000
1.6
x
x
x
x
x
x
x
.080
0.08
250
7.8900
0.00132
4000
1.6
x
x
x
x
x
x
x
.100
0.1
250
5.6965
0.00260
3500
1.6
x
x
x
x
x
x
x
.125
0.125
250
3.8200
0.00478
2000
1.6
x
x
x
x
x
x
x
.160
0.16
250
2.5250
0.01000
2000
1.6
x
x
x
x
x
x
x
.200
0.2
250
1.7000
0.02000
1700
1.6
x
x
x
x
x
x
x
.250
0.25
250
1.2325
0.04000
1400
1.6
x
x
x
x
x
x
x
.315
0.315
250
0.8800
0.11000
1300
1.6
x
x
x
x
x
x
x
.400
0.4
250
0.2770
0.12500
1200
1.6
x
x
x
x
x
x
x
x
.500
0.5
250
0.2065
0.21500
1000
1.6
x
x
x
x
x
x
x
x
.630
0.63
250
0.1900
0.41000
650
1.6
x
x
x
x
x
x
x
x
.800
0.8
250
0.1203
0.85000
240
1.6
x
x
x
x
x
x
x
x
001.
1
250
0.0964
1.04500
200
1.6
x
x
x
x
x
x
x
x
x
1.25
1.25
250
0.0701
2.23000
200
1.6
x
x
x
x
x
x
x
x
x
01.6
1.6
250
0.0528
4.61500
190
1.6
x
x
x
x
x
x
x
x
x
002.
2
250
0.0416
5.73000
170
1.6
x
x
x
x
x
x
x
x
x
02.5
2.5
250
0.0334
9.46000
170
1.6
x
x
x
x
x
x
x
x
x
3.15
3.15
250
0.0224
17.72000
150
2.5
x
x
x
x
x
x
x
x
x
004.
4
250
40A @ 250VAC
0.0165
29.16500
130
2.5
x
x
x
x
x
x
x
x
x
005.
5
250
50A @ 250VAC
0.0137
42.79500
130
2.5
x
x
x
x
x
x
x
x
x
06.3
6.3
250
63A @ 250VAC
0.0095
62.46500
130
2.5
x
x
x
x
x
x
x
x
x
008.
8
250
80A @ 250VAC
0.0068
198.16000
130
4
x
x
x
x
x*
010.
10
250
100A @ 250VAC
0.0063
217.63500
130
4
x
x
x
x
x*
015.
15
250
150A @ 250VAC
0.0040
607.13500
130
4
x
x
x*
* Approval for cartidge versions only.


Similar Part No. - 217

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217 MARL-217 Datasheet
284Kb / 5P
   Direct replacement for E27 (European Standard)
logo
Microsemi Corporation
217 MICROSEMI-217 Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
logo
Alpha Wire
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
   Mini 7/8" Female 4 Pin Field Attachable
logo
List of Unclassifed Man...
217 ETC-217 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
217-36CT6 ETC2-217-36CT6 Datasheet
922Kb / 20P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 217

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
   5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
216 LITTELFUSE-216 Datasheet
1Mb / 4P
   5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
219XA LITTELFUSE-219XA Datasheet
803Kb / 4P
   5횞20mm time-Lag glass body cartridge fuse designed to IEC specification
213 LITTELFUSE-213 Datasheet
880Kb / 3P
   5횞20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
215 LITTELFUSE-215 Datasheet
1,015Kb / 4P
   5횞20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
218 LITTELFUSE-218 Datasheet
941Kb / 4P
   The 218 series fuse is a 5x20mm time-lag glass body cartridge fuse designed to IEC specification
0215010TXP LITTELFUSE-0215010TXP Datasheet
359Kb / 5P
   5x20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
Eaton All Rights Reserv...
SFE EATON-SFE Datasheet
271Kb / 1P
   Automotive fast-acting glass fuse
logo
Littelfuse
226 LITTELFUSE-226 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com