Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C284ACR4800AL2J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C284ACR4800AL2J
Description  C284, Film, Film/Foil Polypropylene, Motor Run, 8 uF, 5%, 470 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C284ACR4800AL2J Datasheet(HTML) 1 Page - Kemet Corporation

  C284ACR4800AL2J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/04/2018 - 676f6b2a-0087-4121-b3ae-d7644395fceb
KEMET Part Number: C284ACR4800AL2J
C284, Film, Film/Foil Polypropylene, Motor Run, 8 uF, 5%, 470 VAC
D
L
8±2
250±10
2.4
Polar Cable
M
Dimensions
D
30mm +/-1mm
L
69.5mm +/-2mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 110
General Information
Supplier: KEMET
Series: C284
Dielectric: Film/Foil Polypropylene
Style: Can
Description: Plastic Case and Cover, Ultra
Sonically Welded Seal
Features: Ultra Sonically Welded Seal,
Safety Class P0, UL_94 V0 Disk
RoHS: Yes
Termination: Tin Copper
Lead: Cables
Approvals: UL, VDE, UL (Construction
Only), UL_94 V0 Disk
Specifications
Capacitance: 8 uF
Capacitance Tolerance: 5%
Voltage AC: 470 VAC
Temperature Range: -25/+85C
Rated Temperature: 85C
Max dVdt: 20 V
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C284ACR4800AL2J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C284ACR4300AA0J KEMET-C284ACR4300AA0J Datasheet
297Kb / 7P
   C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
C284ACR4300AA1J KEMET-C284ACR4300AA1J Datasheet
297Kb / 7P
   C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
C284ACR4300AA2J KEMET-C284ACR4300AA2J Datasheet
297Kb / 7P
   C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
C284ACR4300AA5J KEMET-C284ACR4300AA5J Datasheet
297Kb / 7P
   C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
C284ACR4300AL0J KEMET-C284ACR4300AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 3 uF, 5%, 470 VAC
More results

Similar Description - C284ACR4800AL2J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C284ACA4500AL0J KEMET-C284ACA4500AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 5 uF, 5%, 470 VAC
C284ACA4250AL0J KEMET-C284ACA4250AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 2.5 uF, 5%, 470 VAC
C284ACA4200AL0J KEMET-C284ACA4200AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 2 uF, 5%, 470 VAC
C284ACA4600AL2J KEMET-C284ACA4600AL2J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 6 uF, 5%, 470 VAC
C284ACR4300AL0J KEMET-C284ACR4300AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 3 uF, 5%, 470 VAC
C284ACA4300AL0J KEMET-C284ACA4300AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 3 uF, 5%, 470 VAC
C284ACR5100AL0J KEMET-C284ACR5100AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 10 uF, 5%, 470 VAC
C284ACA4400AL0J KEMET-C284ACA4400AL0J Datasheet
53Kb / 1P
   C284, Film, Film/Foil Polypropylene, Motor Run, 4 uF, 5%, 470 VAC
C274ACF4800LF0J KEMET-C274ACF4800LF0J Datasheet
59Kb / 1P
   C27, Film, Film/Foil Polypropylene, Motor Run, 8 uF, 5%, 470 VAC
C276CCF5500LH2J KEMET-C276CCF5500LH2J Datasheet
237Kb / 1P
   C27, Film, Film/Foil Polypropylene, Motor Run, 50 uF, 5%, 470 VAC
4/11/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com