Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4AQIBW5600A3NJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4AQIBW5600A3NJ
Description  C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 60 uF, 5%, 800 V, 70C, Lead Spacing = 52.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AQIBW5600A3NJ Datasheet(HTML) 1 Page - Kemet Corporation

  C4AQIBW5600A3NJ Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C4AQIBW5600A3NJ
C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 60 uF, 5%, 800 V, 70C, Lead Spacing = 52.5mm
S1
S
L
H
LL
T
F
Dimensions
L
57.5mm +/-0.8mm
H
50mm +/-0.3mm
T
35mm +/-0.5mm
S
52.5mm +/-0.4mm
S1
20.3mm +/-0.4mm
LL
6mm +0/-2mm
F
1.2mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Box
Packaging Quantity: 23
General Information
Supplier: KEMET
Series: C4AQ
Dielectric: Metallized Polypropylene
Style: Radial
RoHS: Yes
Lead: 4 Wire Leads
Qualifications: AEC-Q200, IEC61071,
EN61071, VDE0560
AEC-Q200: Yes
Miscellaneous: Rth = 10 C/W
Specifications
Capacitance: 60 uF
Capacitance Tolerance: 5%
Voltage DC: 800 VDC
Temperature Range: -40/+105C
Rated Temperature: 70C
Dissipation Factor: 0.02% (10 kHz 25C)
Insulation Resistance: 500 mOhms
Max dV/dt: 9 V/us
Resistance: 3.4 mOhms (10kHz 70C)
Inductance: 35 nH
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 2/09/2018 - e7b0a119-be31-4083-a13f-2e71754307fa


Similar Part No. - C4AQIBW5600A3NJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AQIBW5600M3NJ KEMET-C4AQIBW5600M3NJ Datasheet
242Kb / 1P
   C4AQ M, Film, Metallized Polypropylene, Automotive DC Link, 60 uF, 5%, 800VDC, 85째C, Lead Spacing = 52.5mm
More results

Similar Description - C4AQIBW5600A3NJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AQIBW5550A3NJ KEMET-C4AQIBW5550A3NJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 55 uF, 5%, 800 V, 70C, Lead Spacing = 52.5mm
C4AQIBW5450A3MJ KEMET-C4AQIBW5450A3MJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 45 uF, 5%, 800 V, 70C, Lead Spacing = 52.5mm
C4AQUBW5200A3MJ KEMET-C4AQUBW5200A3MJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 20 uF, 5%, 1,300 V, 70C, Lead Spacing = 52.5mm
C4AQUBW5250A3NJ KEMET-C4AQUBW5250A3NJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 25 uF, 5%, 1,300 V, 70C, Lead Spacing = 52.5mm
C4AQSBW5170A3MJ KEMET-C4AQSBW5170A3MJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 17 uF, 5%, 1,500 V, 70C, Lead Spacing = 52.5mm
C4AQCBW5750A3NJ KEMET-C4AQCBW5750A3NJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 75 uF, 5%, 650 V, 70C, Lead Spacing = 52.5mm
C4AQQBW5400A3NJ KEMET-C4AQQBW5400A3NJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 40 uF, 5%, 1,100 V, 70C, Lead Spacing = 52.5mm
C4AQCBW5550A3MJ KEMET-C4AQCBW5550A3MJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 55 uF, 5%, 650 V, 70C, Lead Spacing = 52.5mm
C4AQUBW5270A3NJ KEMET-C4AQUBW5270A3NJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 27 uF, 5%, 1,300 V, 70C, Lead Spacing = 52.5mm
C4AQSBW5220A3NJ KEMET-C4AQSBW5220A3NJ Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 22 uF, 5%, 1,500 V, 70C, Lead Spacing = 52.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com