Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC750 Datasheet(PDF) 1 Page - Lumins Inc.

Part # OC750
Description  Clear tempered glass lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

OC750 Datasheet(HTML) 1 Page - Lumins Inc.

  OC750 Datasheet HTML 1Page - Lumins Inc. OC750 Datasheet HTML 2Page - Lumins Inc. OC750 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
MATERIALS
Oculus is made of corrosion resistant 356 aluminum alloy with a copper (CU)
content of less than 0.1%.
The main housing is made of seamless extruded aluminum, with an
integrally sealed LED light module designed for optimal heat dissipation,
and lighting performance.
Oculus is standard with a unique proprietary design allowing the sealed
LED module to tilt within the housing.
Oculus OC750 series is standard with 20º optic. See options section for
alternate selection.
ELECTRICAL
DRIVER
Standard driver is 0-10V dimming-ready (dims to 1%) with:
120-277 multi-volt compatibility (50-60Hz), operating
temperature range of -20ºC/-4ºF to 50ºC/122ºF, and output
short circuit protection with auto-recovery. Open circuit
protection and temperature foldback.
LED
Standard 4000K/80CRI. Optional 2700K, 3000K,
3500K & 5000K.
Optional Amber LED for turtle sensitive areas.
Wavelengths: 584.5nm to 597nm.
LIFE
60,000hrs L
85B50 (based on IESNA TM-21 Test Method and LM-80 data).
130,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Five-stage preparation process including preheating of cast aluminum parts for
air extraction, and an environmentally friendly alloy sealant. Polyester powder
coating is applied through an electrostatic process and oven cured for long
term finish.
MOUNTING
Maximum weight: 12 lbs (5.4 kg)
Remodeling type fixture designed to fit in a 7.5” (191mm) dia. opening on a
ceiling 0.5” (13mm) to 1.5” (38m) thick.
Three locking tabs secure frame in the ceiling and trim snaps in place. Locking
tabs can be retracted to remove the frame for maintenance.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Rated IP66. CE Certification on request.
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872 Email: info@luminis.com
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
1
1- Driver housing with gasketed service
door.
2- Fixture secured with three locking
tabs.
3- Fully sealed cast aluminum light
assembly.
4- Sealed cast aluminum lens frame.
5- Clear tempered glass lens.
6- Faceted specular aluminum reflector.
7- Light module. Regressed light
module available as an option.
8- Trim secured by two wire springs
inserted in slots in the mounting
flange.
9- Cast aluminum trim available in
multiple colors.
All stainless steel hardware.
OC750 SERIES
OCULUS - LED
6” EXTERIOR RECESSED DOWNLIGHT
Oculus light module is designed with
a tilting mechanism allowing forward
and back light adjustability. The
±30º
directional module allows to aim the
light beam in the desired direction,
without disturbing the luminaire
mounting. Standard fully adjustable
360º rotation.
3-4-5-6
8
2
9
7
19.83”
(503.6)
15.65”
(397.5)
5.83”
(148.2)
0.5”
(12.7)
Ø 8.33”
(211.7)
4.68”
(119)
Ø 5.7”
(144.8)
1
OC750
OC750-RG
shown with regressed option (RG)


Similar Description - OC750

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
MA14 LUMINIS-MA14 Datasheet
540Kb / 5P
   Clear tempered glass lens.
SQ800 LUMINIS-SQ800 Datasheet
167Kb / 2P
   Clear tempered glass lens
SQ605 LUMINIS-SQ605 Datasheet
214Kb / 2P
   Clear tempered glass lens
SQ810 LUMINIS-SQ810 Datasheet
174Kb / 2P
   Clear tempered glass lens
logo
Marl International Limi...
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
logo
OSRAM GmbH
LYG5AP-CXDX-36-1 OSRAM-LYG5AP-CXDX-36-1 Datasheet
910Kb / 21P
   clear silicone lens
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
238-501-98 MARL-238-501-98_15 Datasheet
206Kb / 4P
   Water clear lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com