Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ04XV5T2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SZ04XV5T2
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ04XV5T2 Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SZ04XV5T2 Datasheet HTML 1Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 2Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 3Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 4Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 5Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SZ04
http://onsemi.com
4
Figure 3. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
OUTPUT
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
No. of
Gates per
Package
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel
Suffix
Package
Type
Tape and
Reel Size
NL17SZ04DFT2
NL
1
7
SZ
04
DF
T2
SC−88A/
SOT−353/
SC70−5
178 mm,
3000 Unit
NL17SZ04DFT2G
NL
1
7
SZ
04
DF
T2
SC−88A/
SOT−353/
SC70−5
(Pb−Free)
178 mm,
3000 Unit
NL17SZ04XV5T2
NL
1
7
SZ
04
XV5
T2
SOT−553*
178 mm,
4000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*All Devices in Package SOT553 are Inherently Pb−Free.


Similar Part No. - NL17SZ04XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
75Kb / 6P
   Single Inverter
December, 2005 ??Rev. 7
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
75Kb / 6P
   Single Inverter
December, 2005 ??Rev. 7
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
83Kb / 7P
   Single Inverter
November, 2015 ??Rev. 14
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
188Kb / 13P
   Single Inverter
November, 2018 ??Rev. 15
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
171Kb / 13P
   Single Inverter
May, 2022 - Rev. 18
More results

Similar Description - NL17SZ04XV5T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com