Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ04XV5T2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SZ04XV5T2
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ04XV5T2 Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SZ04XV5T2 Datasheet HTML 1Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 2Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 3Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 4Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 5Page - ON Semiconductor NL17SZ04XV5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL17SZ04
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 v VI v +7.0
V
VO
DC Output Voltage
Output in Higher or Low State (Note 1)
*0.5 v VO v +7.0
V
IIK
DC Input Diode Current
VI < GND
*50
mA
IOK
DC Output Diode Current
VO < GND
*50
mA
IO
DC Output Sink Current
$50
mA
ICC
DC Supply Current per Supply Pin
$100
mA
IGND
DC Ground Current per Supply Pin
$100
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SOT−353 (Note 2)
SOT−553
350
496
°C/W
PD
Power Dissipation in Still Air at 85
°C
SOT−353
SOT−553
186
135
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
Class IC
Class A
N/A
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
3. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
4. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
Operating
Data Retention
1.65
1.5
5.5
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
(High or Low State)
0
5.5
V
TA
Operating Temperature Range
−40
+85
°C
tr, tf
Input Rise and Fall Time
VCC = 2.5 V $ 0.2 V
VCC = 3.0 V $ 0.3 V
VCC = 5.0 V $ 0.5 V
0
0
0
20
10
5
ns/V


Similar Part No. - NL17SZ04XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
75Kb / 6P
   Single Inverter
December, 2005 ??Rev. 7
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
75Kb / 6P
   Single Inverter
December, 2005 ??Rev. 7
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
83Kb / 7P
   Single Inverter
November, 2015 ??Rev. 14
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
188Kb / 13P
   Single Inverter
November, 2018 ??Rev. 15
NL17SZ04XV5T2G ONSEMI-NL17SZ04XV5T2G Datasheet
171Kb / 13P
   Single Inverter
May, 2022 - Rev. 18
More results

Similar Description - NL17SZ04XV5T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com