Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE664M04-T2 Datasheet(PDF) 9 Page - NEC

Part # NE664M04-T2
Description  MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE664M04-T2 Datasheet(HTML) 9 Page - NEC

  NE664M04-T2 Datasheet HTML 1Page - NEC NE664M04-T2 Datasheet HTML 2Page - NEC NE664M04-T2 Datasheet HTML 3Page - NEC NE664M04-T2 Datasheet HTML 4Page - NEC NE664M04-T2 Datasheet HTML 5Page - NEC NE664M04-T2 Datasheet HTML 6Page - NEC NE664M04-T2 Datasheet HTML 7Page - NEC NE664M04-T2 Datasheet HTML 8Page - NEC NE664M04-T2 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE664M04
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE664M04
VC = 3 V, IC = 200 mA
0.50
0.801
175.9
9.856
89.7
0.024
66.8
0.624
-169.4
1.01
25.43
1.00
0.808
166.3
4.975
77.5
0.044
68.0
0.632
175.5
1.07
18.85
1.50
0.815
158.4
3.310
68.2
0.066
62.1
0.633
166.7
1.07
15.41
2.00
0.819
150.9
2.483
59.8
0.084
57.6
0.638
158.1
1.08
12.95
2.50
0.822
143.9
1.996
51.6
0.102
52.3
0.644
150.8
1.09
11.11
3.00
0.830
136.8
1.676
43.6
0.122
43.9
0.648
144.1
1.07
9.80
3.50
0.832
129.7
1.461
35.8
0.138
39.2
0.653
136.7
1.07
8.62
4.00
0.831
122.5
1.299
27.6
0.156
32.6
0.656
129.3
1.07
7.59
4.50
0.835
115.0
1.171
19.8
0.173
26.9
0.662
122.1
1.07
6.75
5.00
0.837
107.6
1.069
12.0
0.187
19.5
0.672
114.9
1.06
6.05
5.50
0.842
100.2
0.979
4.4
0.198
11.8
0.683
108.2
1.06
5.44
6.00
0.848
93.0
0.896
- 2.8
0.211
7.0
0.698
102.1
1.06
4.83
6.50
0.853
86.4
0.828
- 9.1
0.214
1.2
0.711
96.2
1.06
4.32
7.00
0.862
80.5
0.764
- 15.4
0.216
- 4.7
0.724
90.6
1.06
3.92
7.50
0.868
75.4
0.707
- 21.5
0.226
- 9.8
0.736
85.1
1.06
3.47
8.00
0.873
70.4
0.660
- 26.8
0.231
- 15.6
0.748
78.9
1.06
3.08
8.50
0.881
66.5
0.611
- 32.7
0.223
- 20.4
0.750
72.7
1.07
2.72
9.00
0.890
62.7
0.572
- 36.9
0.226
- 24.0
0.764
67.2
1.07
2.45
9.50
0.895
59.3
0.532
- 42.0
0.226
- 30.2
0.771
61.0
1.07
2.11
10.00
0.903
55.7
0.498
- 47.9
0.219
- 33.8
0.779
55.0
1.07
1.91
10.50
0.911
52.0
0.466
- 51.7
0.224
- 38.3
0.793
48.9
1.06
1.64
11.00
0.915
48.3
0.445
- 56.3
0.219
- 43.0
0.794
45.8
1.06
1.53
11.50
0.919
44.1
0.430
- 60.1
0.226
- 46.2
0.810
41.6
1.05
1.40
12.00
0.918
39.8
0.426
- 64.6
0.229
- 49.5
0.811
39.3
1.05
1.34
j50
j25
j10
0
10
25
-j10
-j25
-j50
-j100
j100
0
50
100
0
S22
S11
0.200 to 12.000GHz by 0.100
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0.200 to 12.000GHz by 0.100
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
04/04/2003


Similar Part No. - NE664M04-T2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE664M04-T2-A CEL-NE664M04-T2-A Datasheet
275Kb / 10P
   MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
More results

Similar Description - NE664M04-T2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE678M04 NEC-NE678M04 Datasheet
62Kb / 7P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
   NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
   Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
California Eastern Labs
NE664M04 CEL-NE664M04 Datasheet
275Kb / 10P
   MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
   NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
   NPN medium frequency transistor
2004 Feb 05
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
   NPN medium frequency transistor
2004 Mar 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com