Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE25F160 Datasheet(PDF) 1 Page - SanRex Corporation

Part # PE25F160
Description  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PE25F160 Datasheet(HTML) 1 Page - SanRex Corporation

  PE25F160 Datasheet HTML 1Page - SanRex Corporation PE25F160 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE,KK)25F
THYRISTOR MODULE
80
±0.2
M5X10
2.8
110TAB
92
20
20
20
2- 6
17.5
#
Unit
A
Symbol
Item
Conditions
Ratings
25
Unit
IT(AV)
*Average On-State Current
IT(RMS)
*R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:96℃
Single phase, half wave, 180
°conduction, Tc:96℃
ITSM
*Surge On-State Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
2cycle, 50Hz/60Hz, peak Value, non-repetitive
Value for one cycle of surge current
A
39
A
530/580
A
1400
10
A2S
W
1
VRGM
Peak Gate Voltage (Reverse)
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
VISO
*Isolation Breakdown Voltage (R.M.S.)
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mass
Mounting
(M5)
Terminal
(M5)
A.C.1minute
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
3
W
A
10
V
5
V
100
A/
μs
2500
V
−40 to +125
−40 to +125
2.7
(28)
2.7
(28)
170
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
10
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
*Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=125℃
at VDRM, single phase, half wave, Tj
=125℃
VTM
*Peak On-State Voltage, max.
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 75A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
10
mA
1.55
V
50/3
Tj
=125℃,VD12VDRM
IT
=25A,IG=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
0.25
mA/V
V
10
Tj
=125℃, VD23VDRM, Exponential wave.
Tj
=25℃
IL
Lutching Current, typ.
Rth
(j-c)*Thermal Impedance, max.
Tj
=25℃
Junction to case
500
μs
V/
μs
50
mA
100
mA
0.78
℃/W
■Electrical Characteristics
■Maximum Ratings
Symbol
Item
PK25F40
PD25F40
PE25F40
KK25F40
PK25F80
PD25F80
PE25F80
KK25F80
Ratings
PK25F120
PD25F120
PE25F120
KK25F120
PK25F160
PD25F160
PE25F160
KK25F160
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
800
1200
1600
V
480
960
1300
1700
V
400
800
1200
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
Repetitive Peak Off-State Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
Power Thyristor/Diode Module PK25F series are designed for various rectifier circuits
and power controls. For your circuit application. following internal connections and wide
voltage ratings up to 1,600V are available. High precision 25mm (1inch) width package
and electrically isolated mounting base make your mechanical design easy.
IT(AV) 25A, IT(RMS) 39A, ITSM 580A
di/dt 100 A/
μs
dv/dt 500V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
UL:E76102
(M)
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD
K1
(A2)
(A1)
G1
K2
G2
1
2
1
KK


Similar Part No. - PE25F160

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PE25F SANREX-PE25F Datasheet
119Kb / 2P
   THYRISTOR MODULE
PE25FG120 SANREX-PE25FG120 Datasheet
96Kb / 2P
   THYRISTOR MODULE
PE25FG160 SANREX-PE25FG160 Datasheet
96Kb / 2P
   THYRISTOR MODULE
PE25FG40 SANREX-PE25FG40 Datasheet
96Kb / 2P
   THYRISTOR MODULE
PE25FG80 SANREX-PE25FG80 Datasheet
96Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - PE25F160

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com