Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP32429 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32429
Description  28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32429 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32429 Datasheet HTML 1Page - Vishay Siliconix SIP32429 Datasheet HTML 2Page - Vishay Siliconix SIP32429 Datasheet HTML 3Page - Vishay Siliconix SIP32429 Datasheet HTML 4Page - Vishay Siliconix SIP32429 Datasheet HTML 5Page - Vishay Siliconix SIP32429 Datasheet HTML 6Page - Vishay Siliconix SIP32429 Datasheet HTML 7Page - Vishay Siliconix SIP32429 Datasheet HTML 8Page - Vishay Siliconix SIP32429 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SiP32419, SiP32429
www.vishay.com
Vishay Siliconix
S16-2135-Rev. E, 24-Oct-16
4
Document Number: 63939
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TIMING DIAGRAM
Fig. 2 - Timing Diagram
PIN CONFIGURATION
Fig. 3 - DFN10 3 mm x 3 mm Package
Top View
Over temperature or
end of blanking time
V
OUT
Current limit mode
EN
/PG
IOUT
ILIM
/FLG
150 ms retry time. In case
of OT, it is OT protection
period plus 150 ms
Load current below limit
Short circuit response time
5 ms or OT which
ever occurs the first
Programmable
slew rate
Low switch ON
resistance
Thermal
shutdown &
over current
off latching
Programmable
over current protection
& 6 ms blanking
period
1 μs short circuit
response
Auto retry
in 150 ms
V
IN
1
V
IN
2
SS
3
EN
4
I
LIM
5
V
OUT
10
V
OUT
9
FLG
8
PG
7
GND
6


Similar Part No. - SIP32429

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SiP32429DN-T1-GE4 VISHAY-SiP32429DN-T1-GE4 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32429DN-T1-GE4 VISHAY-SIP32429DN-T1-GE4 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
More results

Similar Description - SIP32429

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
   28 V, 99 m?? Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
   28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. A, 15-Jun-15
logo
Monolithic Power System...
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
   5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
[Old version datasheet]   3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Monolithic Power System...
MP5013A MPS-MP5013A Datasheet
494Kb / 14P
   5 V, 5 A Programmable Current-Limit Switch with Over-Voltage Clamp and Slew-Rate Control in TSOT23-8
MP5014A MPS-MP5014A Datasheet
520Kb / 14P
   12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
   0.8 V to 2.5 V, 28 m?? Slew Rate Controlled Load Switch in WCSP4
01-Jan-2022
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com