Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP12110 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP12110
Description  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12110 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP12110 Datasheet HTML 1Page - Vishay Siliconix SIP12110 Datasheet HTML 2Page - Vishay Siliconix SIP12110 Datasheet HTML 3Page - Vishay Siliconix SIP12110 Datasheet HTML 4Page - Vishay Siliconix SIP12110 Datasheet HTML 5Page - Vishay Siliconix SIP12110 Datasheet HTML 6Page - Vishay Siliconix SIP12110 Datasheet HTML 7Page - Vishay Siliconix SIP12110 Datasheet HTML 8Page - Vishay Siliconix SIP12110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S14-1891-Rev. A, 15-Sep-14
5
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (VIN = 12 V, VOUT = 1.2 V, L = 1.5 μH, C = 3 x 22 μF, unless otherwise noted)
Fig. 4 - Efficiency vs. IOUT
Fig. 5 - Frequency Variation vs. IOUT
Fig. 6 - Steady-State, IOUT = 0 A
CH1 (BRN) = LX (10 V/div), CH3 (BLU) = VOUT (20 mV/div),
CH2 (RED) = ICOIL (1 A/div), Time = 10 μs/div
Fig. 7 - Load Regulation vs. IOUT
Fig. 8 - EN Threshold vs. Temperature
Fig. 9 - Steady-State, IOUT = 6 A
CH1 (BRN) = LX (10 V/div), CH3 (BLU) = VOUT (20 mV/div),
CH2 (RED) = ICOIL (1 A/div), Time = 1 μs/div
20
30
40
50
60
70
80
90
100
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
I
OUT (A)
V
OUT = 1.2 V
V
OUT = 5 V
0
200
400
600
800
1000
1200
1400
1600
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
I
OUT (A)
V
OUT = 1.2 V
V
OUT = 5 V
CH2
CH3
CH1
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
I
OUT (A)
V
OUT = 1.2 V
V
OUT = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
EN_L
V
EN_H
CH2
CH3
CH1


Similar Part No. - SIP12110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SIP12110DB VISHAY-SIP12110DB Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110DMP-T1-GE4 VISHAY-SIP12110DMP-T1-GE4 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SIP12110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com