Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOS-1505-119+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # SOS-1505-119+
Description  Voltage Controlled Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SOS-1505-119+ Datasheet(HTML) 2 Page - Mini-Circuits

  SOS-1505-119+ Datasheet HTML 1Page - Mini-Circuits SOS-1505-119+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data & Curves*
SOS-1505-119+
Page 2 of 2
SOS-1505-119+
Frequency and Tuning Sensitivity
1340
1380
1420
1460
1500
1540
1580
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tuning Voltage (V)
66
68
70
72
74
76
78
FREQ. @ -55°C
FREQ. @ +25°C
FREQ. @ +85°C
T.SENS @ +25°C
SOS-1505-119+
Power Output
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tuning Voltage (V)
-55°C
+25°C
+85°C
SOS-1505-119+
Frequency Pulling & Pushing (Vcc ± 5%)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tuning Voltage (V)
0
1
2
3
4
5
6
Pulling
Pushing
SOS-1505-119+
Phase Noise Vs. Tuning Voltage
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tuning Voltage (V)
1KHz
10KHz
100KHz
1MHz
*at 25
o
SOS-1505-119+
Harmonics Level
-60
-50
-40
-30
-20
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tuning Voltage (V)
F2
F3
F4
SOS-1505-119+
Phase Noise
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1
10
100
1000
Frequency Offset (KHz)
V
TUNE
FREQUENCY
POWER OUTPUT
Icc
HARMONICS (dBc)
FREQ. FREQ.
PHASE NOISE (dBc/Hz)
FREQ
PHASE
TUNE SENS
(MHz)
(dBm)
(mA)
PUSH
PULL
OFFSET NOISE at
(MHz/V)
(MHz/V) (MHz)
(KHz) 1478 MHz
-55
°C+25°C+85°C-55°C+25°C+85°C
F2
F3
F4
1kHz
10kHz
100kHz
1MHz
(dBc/Hz)
0.00
77.03
1360.7 1355.9 1345.7
0.04
0.66
1.18
8.89
-34.4
-21.6
-43.1
2.87
0.45
-72.4
-97.4
-117.9
-138.1
1.0
-67.71
0.10
74.86
1368.2 1363.6 1353.5
0.12
0.72
1.32
8.91
-34.8
-21.6
-42.2
1.60
0.41
-73.9
-98.7
-119.1
-139.3
2.0
-76.34
0.20
73.47
1375.8 1371.1 1361.0
0.18
0.86
1.50
8.94
-35.5
-22.0
-41.6
0.69
0.54
-73.7
-99.1
-120.0
-140.1
3.5
-82.90
0.30
71.55
1383.2 1378.4 1368.3
0.35
1.07
1.69
8.96
-36.3
-22.8
-41.6
0.07
0.70
-74.3
-98.9
-120.2
-140.0
6.0
-88.13
0.40
70.51
1390.5 1385.6 1375.3
0.57
1.36
1.88
8.99
-37.1
-24.0
-42.4
0.32
0.89
-73.9
-98.5
-120.2
-140.4
8.5
-92.53
0.60
68.69
1404.8 1399.6 1389.2
1.20
1.93
2.28
9.11
-37.9
-25.8
-43.2
0.80
1.16
-72.7
-99.3
-120.5
-140.6
10.0
-94.15
0.80
68.66
1418.8 1413.3 1402.7
1.89
2.49
2.59
9.27
-38.2
-27.7
-44.8
1.06
1.20
-73.1
-99.5
-120.7
-140.9
20.8
-101.98
1.00
68.87
1432.9 1427.0 1416.0 2.53
2.95
2.84
9.48
-38.1
-27.9
-45.2
0.99
0.98
-75.1
-98.1
-120.6
-140.5
35.5
-105.77
1.20
69.54
1447.1 1440.9 1429.5 3.06
3.32
3.02
9.70
-37.6
-28.7
-46.0
0.60
0.58
-73.4
-97.6
-119.7
-139.7
60.7
-110.93
1.40
70.71
1461.6 1454.8 1443.0 3.47
3.51
3.08
9.91
-37.2
-29.6
-46.1
0.07
1.35
-73.9
-95.9
-117.9
-138.2
86.7
-114.47
1.60
71.76
1476.2 1469.0 1456.7 3.74
3.58
3.00
10.08 -36.7
-29.8
-47.0
0.51
1.97
-69.1
-94.2
-116.0
-136.4
100.0
-115.56
1.80
73.37
1491.2 1483.4 1470.7 3.82
3.53
2.87
10.21 -35.8
-30.6
-47.2
1.13
1.82
-68.0
-93.0
-114.6
-134.8
148.1
-118.81
2.00
74.05
1506.2 1498.1 1485.0 3.79
3.42
2.66
10.31 -35.4
-31.3
-47.0
1.74
0.73
-66.9
-91.3
-113.4
-133.8
177.0
-120.42
2.20
74.55
1521.3 1513.0 1499.6 3.65
3.22
2.45
10.37 -35.2
-32.5
-46.9
2.35
1.74
-66.1
-91.7
-112.9
-132.9
211.6
-122.33
2.40
74.23
1536.4 1527.9 1514.3 3.44
2.99
2.18
10.41 -34.6
-32.7
-47.7
3.00
1.95
-63.4
-90.9
-111.8
-132.1
302.4
-125.46
2.60
73.99
1551.4 1542.7 1529.0 3.11
2.69
1.92
10.44 -33.8
-32.7
-47.7
3.58
1.08
-64.7
-89.9
-111.6
-131.5
361.5
-126.77
2.70
73.60
1558.9 1550.1 1536.3 2.96
2.51
1.77
10.44 -33.5
-32.7
-47.5
3.83
0.78
-64.7
-89.4
-111.1
-131.3
507.5
-129.88
2.80
72.69
1566.2 1557.5 1543.5 2.83
2.37
1.60
10.45 -33.3
-32.9
-47.6
4.07
1.03
-65.0
-89.8
-110.7
-131.1
606.7
-131.44
2.90
71.29
1573.6 1564.7 1550.7 2.69
2.23
1.42
10.46 -33.5
-32.9
-47.5
4.26
1.40
-65.3
-88.9
-110.8
-130.9
851.6
-134.46
3.00
69.98
1580.7 1571.9 1557.8 2.60
2.10
1.27
10.47 -33.8
-32.8
-48.1
4.49
1.69
-65.4
-89.4
-110.6
-130.8
1000.0
-135.84


Similar Part No. - SOS-1505-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SOS-1000-519 MINI-SOS-1000-519 Datasheet
238Kb / 2P
   Voltage Controlled Oscillator
SOS-1000-519++ MINI-SOS-1000-519+ Datasheet
238Kb / 2P
   Voltage Controlled Oscillator
SOS-1225-119 MINI-SOS-1225-119 Datasheet
235Kb / 2P
   Voltage Controlled Oscillator
SOS-1225-119++ MINI-SOS-1225-119+ Datasheet
235Kb / 2P
   Voltage Controlled Oscillator
SOS-1400-219 MINI-SOS-1400-219 Datasheet
232Kb / 2P
   Voltage Controlled Oscillator
More results

Similar Description - SOS-1505-119+

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com