Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K6F8016R6D Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. K6F8016R6D
Description  512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F8016R6D Datasheet(HTML) 4 Page - Samsung semiconductor

  K6F8016R6D Datasheet HTML 1Page - Samsung semiconductor K6F8016R6D Datasheet HTML 2Page - Samsung semiconductor K6F8016R6D Datasheet HTML 3Page - Samsung semiconductor K6F8016R6D Datasheet HTML 4Page - Samsung semiconductor K6F8016R6D Datasheet HTML 5Page - Samsung semiconductor K6F8016R6D Datasheet HTML 6Page - Samsung semiconductor K6F8016R6D Datasheet HTML 7Page - Samsung semiconductor K6F8016R6D Datasheet HTML 8Page - Samsung semiconductor K6F8016R6D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
K6F8016R6D Family
Revision 0.1
September 2004
4
CMOS SRAM
Preliminary
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. TA=-40 to 85
°C, otherwise specified.
2. Overshoot: VCC+1.0V in case of pulse width
≤20ns.
3. Undershoot: -1.0V in case of pulse width
≤20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
1.65
1.8
1.95
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
1.4
-
Vcc+0.22)
V
Input low voltage
VIL
-0.23)
-0.4
V
CAPACITANCE1) (f=1MHz, TA=25°C)
1. Capacitance is sampled, not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
DC AND OPERATING CHARACTERISTICS
1. Typical values are measured at VCC=2.0V, TA=25
°C and not 100% tested.
Item
Symbol
Test Conditions
Min
Typ1)
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS1=VIH, CS2=VIL or OE=VIH or WE=VIL, VIO=Vss to Vcc
-1
-
1
µA
Average operating current
ICC1
Cycle time=1
µs, 100%duty, IIO=0mA, CS1≤0.2V,
CS2
≥Vcc-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
--
2
mA
ICC2
Cycle time=Min, IIO=0mA, 100% duty, CS1=VIL, CS2=VIH,
LB=VIL or/and UB=VIL, VIN=VIL or VIH
--
17
mA
Output low voltage
VOL
IOL = 0.1mA
-
-
0.2
V
Output high voltage
VOH
IOH = -0.1mA
1.4
-
-
V
Standby Current(CMOS)
ISB1
Other input =0~Vcc
1) CS1
≥Vcc-0.2V, CS2≥Vcc-0.2V(CS1 controlled) or
2) 0V
≤CS2≤0.2V(CS2 controlled)
-0.5
10
µA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn