Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V275L15TF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V275L15TF
Description  3.3 VOLT CMOS SuperSync FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V275L15TF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V275L15TF Datasheet HTML 2Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 3Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 4Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 5Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 6Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 7Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 8Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 9Page - Integrated Device Technology IDT72V275L15TF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT72V275/72V285
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.3V, TA = 0oC to +70oC; Industrial: VCC = 3.3V
± 3.3V, TA = -40°C to + 85°C)
Commercial
Com’l & Ind’l (2)
Commercial
IDT72V275L10
IDT72V275L15
IDT72V275L20
IDT72V285L10
IDT72V285L15
IDT72V285L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
Data Access Time
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock High Time
4.5
6
8
ns
tCLKL
Clock Low Time
4.5
6
8
ns
tDS
DataSetupTime
3
4
5
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Setup Time
3
4
5
ns
tENH
Enable Hold Time
0.5
1
1
ns
tLDS
LoadSetupTime
3
4
5
ns
tLDH
Load Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width(3)
10
15
20
ns
tRSS
ResetSetupTime
10
15
20
ns
tRSR
Reset Recovery Time
10
15
20
ns
tRSF
Reset to Flag and Output Time
10
15
20
ns
tFWFT
Mode Select Time
0
0
0
ns
tRTS
RetransmitSetupTime
3
4
5
ns
tOLZ
Output Enable to Output in Low Z(4)
0—
0—
0
ns
tOE
Output Enable to Output Valid
2
6
3
8
3
10
ns
tOHZ
Output Enable to Output in High Z(4)
26
383
10
ns
tWFF
Write Clock to
FF or IR
6.5
10
12
ns
tREF
Read Clock to
EF or OR
6.5
10
12
ns
tPAF
Write Clock to
PAF
6.5
10
12
ns
tPAE
Read Clock to
PAE
6.5
10
12
ns
tHF
Clock to
HF
—16
20
22
ns
tSKEW1
Skew time between RCLK and WCLK
5
6
10
ns
for
FF/IR
tSKEW2
Skew time between RCLK and WCLK
12
15
20
ns
for
PAE and PAF
tSKEW3
Skew time between RCLK and WCLK
60
60
60
ns
for
EF/OR
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2
Industrial Temperature Range Product for the 15ns speed grade is available as a standard device.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
OutputLoad
See Figure 2
AC TEST CONDITIONS
Figure 2. Output Load
* Includes jig and scope capacitances.
4512 drw 04
330
30pF*
510
3.3V
D.U.T.


Similar Part No. - IDT72V275L15TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V275 IDT-IDT72V275 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72V275 RENESAS-IDT72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V275L15TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com