Electronic Components Datasheet Search |
|
POL06-05T Datasheet(PDF) 1 Page - Wall Industries,Inc. |
|
POL06-05T Datasheet(HTML) 1 Page - Wall Industries,Inc. |
1 / 5 page Rev C POL06-05T SERIES 6A Output Current Rating DC/DC Open Frame Converter Single Output 1/9/2018 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 1 of 5 SMD Package Type SIP Vertical Package Type SIP Horizontal Package Type Size: 0.80in x 0.45in x 0.21in Size:0.90in x 0.40in x 0.20in Size: 0.90in x 0.40in x 0.36in OPTIONS FEATURES • SMD or SIP Packages • Vertical or Horizontal Mounting for SIP Packages • Remote Control Positive or Negative Logic • Input Voltage Range of 2.4~5.5VDC • High Efficiency of 94% • Small Size and Low Profile • Delivers up to 6A of Output Current • No Minimum Load Required • Remote ON/OFF • Open Frame Design • SMD & SIP Packages Available • Fixed Switching Frequency • Input Under-Voltage Lockout • Over Load, Over Temperature, and Short Circuit Protection • CE Marked • RoHS II & REACH Compliant • UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals APPLICATIONS DESCRIPTION • Wireless Network • Telecom/Datacom • Industry Control System • Distributed Power Architectures • Semiconductor Equipment • Microprocessor Power Applications The POL06-05T series of DC DC open frame converters delivers up to 6A of output current in a small size and low profile package. This series consists of output voltages ranging from 0.75 to 3.3VDC and an input voltage range of 2.4-5.5VDC. No minimum load is required for this series, and it has a fixed switching frequency and high efficiency of 94%. POL06-05T offers several different options such as surface mount or through hole package type, vertical or horizontal mounting on the SIP package type, and positive or negative logic. This series has over load, over temperature, and short circuit protection, as well as UL60950-1, EN60950-1, and IEC60950-1 safety approvals. It is RoHS II and REACH compliant. Please call factory for order details. MODEL SELECTION TABLE Model Number Input Voltage Range Output Voltage Output Current @Full Load Efficiency Package ON/OFF Logic POLS06-05T 5VDC (2.4~5.5VDC) 0.75~3.3VDC 6A 94% SMD Positive POLS06-05T-P Negative POLT06-05T 5VDC (2.4~5.5VDC) 0.75~3.3VDC 6A 94% SIP Vertical Positive POLT06-05T-P Negative POLT06-05TA SIP Horizontal Positive POLT60-05TA-P Negative |
Similar Part No. - POL06-05T_18 |
|
Similar Description - POL06-05T_18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |