Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO254 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO254
Description  Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO254 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  ISO254 Datasheet HTML 1Page - Burr-Brown (TI) ISO254 Datasheet HTML 2Page - Burr-Brown (TI) ISO254 Datasheet HTML 3Page - Burr-Brown (TI) ISO254 Datasheet HTML 4Page - Burr-Brown (TI) ISO254 Datasheet HTML 5Page - Burr-Brown (TI) ISO254 Datasheet HTML 6Page - Burr-Brown (TI) ISO254 Datasheet HTML 7Page - Burr-Brown (TI) ISO254 Datasheet HTML 8Page - Burr-Brown (TI) ISO254 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
ISO254
INPUT COMMON-MODE RANGE
The linear common-mode range of the input circuitry of the
ISO254 is approximately
±12.7V (or 2.3V from the power
supplies). As the output voltage increases, however, the
linear input range will be limited by the output voltage swing
of the internal amplifiers. Thus, the linear common-mode
range is related to the output voltage of the complete input
amplifier—see performance curves “Input Common-Mode
Range vs Output Voltage.”
A combination of common-mode and differential input
voltage can cause the output voltage of the internal amplifi-
ers to saturate. For applications where input common-mode
range must be maximized, limit the output voltage swing by
selecting a lower gain of the programmable-gain input.
Input-overload can produce an output voltage that appears
normal. For example, an input voltage of +20V on one input
and +40V on the other input will exceed the linear common-
mode range of both input amplifiers. Since both input
amplifiers are saturated to nearly the same output voltage
limit, the difference voltage measured by the output ampli-
fier will be near zero. The output of the programmable-gain
amplifier will be near 0V even though both inputs are
overloaded.
BASIC OPERATION
ISO254 is a precision, powered, three-port isolated program-
mable-gain amplifier. The input and output sections are
galvanically isolated by matched and EMI shielded capaci-
tors built into the plastic package. The DC/DC converter
input is also galvanically isolated from both the input and
output supplies.
SIGNAL AND POWER CONNECTIONS
Figure 1 shows proper power and signal connections. The
power supply input pin +VS3 should be bypassed with a
2.2
µF tantalum capacitor and the outputs V
S1 and VS2 with
220nF ceramic capacitors located as close to the amplifier as
possible. All ground connections should be run indepen-
dently to a common point. Signal Common on the output
section provides a low-impedance point for sensing signal
ground in noisy applications. Com1 and Com2 must have a
path to ground for signal current return and should be
maintained within
±1V of GND1 and GND2 respectively.
FIGURE 1. Basic Connections.
220nF
220nF
1
10
100
1000
0
0
1
1
0
1
0
1
GAIN
A1
A0
2.2µF
+V
S1
Com1
–V
IN
+V
IN
–V
S1
GND1
28
26
3
4
27
25
+V
S2
Com2
–V
S2
GND2
12
V
OUT
13
11
10
V
OUT
14
+15V
OUT
–15V
OUT
220nF
220nF
+15V
OUT
–15V
OUT
ISO254
PGA
A0
A1
1
SYNC
GND3
+V
S3
16
17
15
2
SYNC +15V
V
IN
V
CM


Similar Part No. - ISO254

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO253P BURR-BROWN-ISO253P Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO255 BURR-BROWN-ISO255 Datasheet
101Kb / 9P
   Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
ISO255P BURR-BROWN-ISO255P Datasheet
101Kb / 9P
   Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
More results

Similar Description - ISO254

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO255 BURR-BROWN-ISO255 Datasheet
101Kb / 9P
   Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com