Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB433EDK Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIB433EDK
Description  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB433EDK Datasheet(HTML) 7 Page - Vishay Siliconix

  SIB433EDK_17 Datasheet HTML 1Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 2Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 3Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 4Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 5Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 6Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 7Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 8Page - Vishay Siliconix SIB433EDK_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 73000
06-Aug-07
www.vishay.com
1
PowerPAK® SC75-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.18
0.25
0.33
0.007
0.010
0.013
0.18
0.25
0.33
0.007
0.010
0.013
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.53
1.60
1.70
0.060
0.063
0.067
1.53
1.60
1.70
0.060
0.063
0.067
D1
0.57
0.67
0.77
0.022
0.026
0.030
0.34
0.44
0.54
0.013
0.017
0.021
D2
0.10
0.20
0.30
0.004
0.008
0.012
E
1.53
1.60
1.70
0.060
0.063
0.067
1.53
1.60
1.70
0.060
0.063
0.067
E1
1.00
1.10
1.20
0.039
0.043
0.047
0.51
0.61
0.71
0.020
0.024
0.028
E2
0.20
0.25
0.30
0.008
0.010
0.012
E3
0.32
0.37
0.42
0.013
0.015
0.017
e
0.50 BSC
0.020 BSC
0.50 BSC
0.020 BSC
K
0.180 TYP
0.007 TYP
0.245 TYP
0.010 TYP
K1
0.275 TYP
0.011 TYP
0.320 TYP
0.013 TYP
K2
0.200 TYP
0.008 TYP
0.200 BSC
0.008 TYP
K3
0.255 TYP
0.010 TYP
K4
0.300 TYP
0.012 TYP
L
0.15
0.25
0.35
0.006
0.010
0.014
0.15
0.25
0.35
0.006
0.010
0.014
T
0.03
0.08
0.13
0.001
0.003
0.005
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5935
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
e
b
e
b
K1
K2
K3
K2
K1
K2
K2
PIN6
PIN5
PIN4
D1
D2
D1
D1
PIN6
PIN5
PIN4
PIN1
PIN2
PIN3
DETAIL Z
DA
A1
Z
z
PIN2
PIN1
PIN3


Similar Part No. - SIB433EDK_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB433EDK VISHAY-SIB433EDK_V01 Datasheet
213Kb / 9P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIB433EDK_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com