Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4463CDY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Si4463CDY
Description  P-Channel 2.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si4463CDY Datasheet(HTML) 3 Page - Vishay Siliconix

  Si4463CDY Datasheet HTML 1Page - Vishay Siliconix Si4463CDY Datasheet HTML 2Page - Vishay Siliconix Si4463CDY Datasheet HTML 3Page - Vishay Siliconix Si4463CDY Datasheet HTML 4Page - Vishay Siliconix Si4463CDY Datasheet HTML 5Page - Vishay Siliconix Si4463CDY Datasheet HTML 6Page - Vishay Siliconix Si4463CDY Datasheet HTML 7Page - Vishay Siliconix Si4463CDY Datasheet HTML 8Page - Vishay Siliconix Si4463CDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 67335
S11-0242-Rev. A, 14-Feb-11
www.vishay.com
3
Vishay Siliconix
Si4463CDY
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
12
24
36
48
60
0.0
0.5
1.0
1.5
2.0
2.5
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 3 V
V
GS = 1 V
V
GS = 2 V
0.000
0.004
0.008
0.012
0.016
0.020
0
10
20
30
40
50
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 2.5 V
V
GS = 10 V
0
2
4
6
8
10
0
23
46
69
92
115
Q
g - Total Gate Charge (nC)
V
DS = 10 V
V
DS = 15 V
V
DS = 5 V
I
D = 10 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.6
1.2
1.8
2.4
3.0
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C
= -55 °C
T
C = 25 °C
0
1400
2800
4200
5600
7000
0
4
8
12
16
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.5
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 13 A
V
GS = 2.5 V
V
GS = 10 V


Similar Part No. - Si4463CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4463CDY VISHAY-SI4463CDY Datasheet
76Kb / 4P
   P-Channel 2.5 V (G-S) MOSFET
Rev. A, 14-Mar-11
logo
VBsemi Electronics Co.,...
SI4463CDY-T1-GE3 VBSEMI-SI4463CDY-T1-GE3 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4463CDY-T1-GE3 VISHAY-SI4463CDY-T1-GE3 Datasheet
218Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI4463CDY VISHAY-SI4463CDY_V01 Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - Si4463CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com