Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F463BY473J1K6A Datasheet(PDF) 1 Page - Kemet Corporation

Part # F463BY473J1K6A
Description  F463, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F463BY473J1K6A Datasheet(HTML) 1 Page - Kemet Corporation

  F463BY473J1K6A Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/25/2017 - b2cad6b1-720c-4937-af5b-90f69110759f
KEMET Part Number: F463BY473J1K6A
F463, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
Dimensions
L
18mm MAX
H
19mm MAX
T
11mm MAX
S
15mm +/-0.4mm
LL
17mm -1mm
F
0.8mm +/-0.05mm
G
0.5mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 400
General Information
Supplier: KEMET
Series: F463
Dielectric: Metallized Polypropylene
Style: Radial
Features: MKP, Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous:
The Rated Voltage Decreases
2%/C Between +85C And +105C
(1.25%/C For AC). ClimCat:
55/105/56
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 5%
Voltage DC: 1600 VDC, 960 VDC (105C)
Voltage AC: 650 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.04% 1kHz, 0.06% 10kHz,
0.25% 100kHz
Insulation Resistance: 100 GOhms
Max dVdt: 6,000 V
Inductance: 6 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - F463BY473J1K6A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F463BE223J160C KEMET-F463BE223J160C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F463BE223J1K0C KEMET-F463BE223J1K0C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F463BE223J1K6C KEMET-F463BE223J1K6C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F463BE223J1L2C KEMET-F463BE223J1L2C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F463BE223J250C KEMET-F463BE223J250C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
More results

Similar Description - F463BY473J1K6A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F462BY473J1K6A KEMET-F462BY473J1K6A Datasheet
56Kb / 1P
   F462, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
PHE450RB5470JR25 KEMET-PHE450RB5470JR25 Datasheet
57Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
F463DI473J1L2ZLH0J KEMET-F463DI473J1L2ZLH0J Datasheet
56Kb / 1P
   F463, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,250 V, 85C, Lead Spacing = 22.5mm
R75TN24704030J KEMET-R75TN24704030J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R75TI22204030J KEMET-R75TI22204030J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.022 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R75TI21004030J KEMET-R75TI21004030J Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R75QI24704000J KEMET-R75QI24704000J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.047 uF, 5%, 1,000 V, 85C, Lead Spacing = 15mm
R76TI21004040J KEMET-R76TI21004040J Datasheet
55Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R76TI2100SE40J KEMET-R76TI2100SE40J Datasheet
54Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R75PI24704030J KEMET-R75PI24704030J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.047 uF, 5%, 630 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com