Electronic Components Datasheet Search |
|
S29WS128N0SBAW011 Datasheet(PDF) 6 Page - SPANSION |
|
S29WS128N0SBAW011 Datasheet(HTML) 6 Page - SPANSION |
6 / 99 page 4 S29WS-N MirrorBit™ Flash Family S29WS-N_00_G0 January25,2005 Adva nce Information Figures Figure 3.1. S29WS-N Block Diagram..................................................................................................................... 8 Figure 4.1. 84-ball Fine-Pitch Ball Grid Array (S29WS256N, S29WS128N).................................................................10 Figure 4.2. VBH084—84-ball Fine-Pitch Ball Grid Array (FBGA) 8 x 11.6 mm MCP Compatible Package .........................11 Figure 4.3. 80-ball Fine-Pitch Ball Grid Array (S29WS064N) ....................................................................................12 Figure 4.4. TLC080—80-ball Fine-Pitch Ball Grid Array (FBGA) 7 x 9 mm MCP Compatible Package...............................13 Figure 4.5. MCP Look-ahead Diagram ..................................................................................................................15 Figure 7.1. Synchronous/Asynchronous State Diagram...........................................................................................21 Figure 7.2. Synchronous Read ............................................................................................................................23 Figure 7.3. Single Word Program.........................................................................................................................29 Figure 7.4. Write Buffer Programming Operation ...................................................................................................33 Figure 7.5. Sector Erase Operation ......................................................................................................................36 Figure 7.6. Write Operation Status Flowchart ........................................................................................................43 Figure 8.1. Advanced Sector Protection/Unprotection .............................................................................................50 Figure 8.2. PPB Program/Erase Algorithm .............................................................................................................53 Figure 8.3. Lock Register Program Algorithm.........................................................................................................56 Figure 11.1. Maximum Negative Overshoot Waveform .............................................................................................64 Figure 11.2. Maximum Positive Overshoot Waveform...............................................................................................64 Figure 11.3. Test Setup .......................................................................................................................................64 Figure 11.4. Input Waveforms and Measurement Levels...........................................................................................66 Figure 11.5. VCC Power-up Diagram ......................................................................................................................66 Figure 11.6. CLK Characterization .........................................................................................................................68 Figure 11.7. CLK Synchronous Burst Mode Read......................................................................................................70 Figure 11.8. 8-word Linear Burst with Wrap Around.................................................................................................71 Figure 11.9. 8-word Linear Burst without Wrap Around ............................................................................................71 Figure 11.10. Linear Burst with RDY Set One Cycle Before Data ..................................................................................72 Figure 11.11. Asynchronous Mode Read...................................................................................................................73 Figure 11.12. Reset Timings...................................................................................................................................74 Figure 11.13. Chip/Sector Erase Operation Timings ...................................................................................................76 Figure 11.14. Asynchronous Program Operation Timings............................................................................................77 Figure 11.15. Synchronous Program Operation Timings .............................................................................................78 Figure 11.16. Accelerated Unlock Bypass Programming Timing ...................................................................................79 Figure 11.17. Data# Polling Timings (During Embedded Algorithm) .............................................................................79 Figure 11.18. Toggle Bit Timings (During Embedded Algorithm) ..................................................................................80 Figure 11.19. Synchronous Data Polling Timings/Toggle Bit Timings ............................................................................80 Figure 11.20. DQ2 vs. DQ6 ....................................................................................................................................81 Figure 11.21. Latency with Boundary Crossing when Frequency > 66 MHz....................................................................81 Figure 11.22. Latency with Boundary Crossing into Program/Erase Bank ......................................................................82 Figure 11.23. Example of Wait States Insertion ........................................................................................................83 Figure 11.24. Back-to-Back Read/Write Cycle Timings ...............................................................................................84 |
Similar Part No. - S29WS128N0SBAW011 |
|
Similar Description - S29WS128N0SBAW011 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |