Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC783ACD Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIC783ACD
Description  50 A, VRPower® Integrated Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC783ACD Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC783ACD Datasheet HTML 5Page - Vishay Siliconix SIC783ACD Datasheet HTML 6Page - Vishay Siliconix SIC783ACD Datasheet HTML 7Page - Vishay Siliconix SIC783ACD Datasheet HTML 8Page - Vishay Siliconix SIC783ACD Datasheet HTML 9Page - Vishay Siliconix SIC783ACD Datasheet HTML 10Page - Vishay Siliconix SIC783ACD Datasheet HTML 11Page - Vishay Siliconix SIC783ACD Datasheet HTML 12Page - Vishay Siliconix SIC783ACD Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SiC783ACD
www.vishay.com
Vishay Siliconix
S14-1639-Rev. B, 25-Aug-14
9
Document Number: 64902
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
(VIN = 12 V, FSW = 500 kHz, VDRV = VCIN = 5 V, LO/P = 0.33 μH / DCR 0.83 m
Ω (IHLP-5050FD0R33-01), unless noted otherwise)
Fig. 6 - Efficiency vs. IOUT
Fig. 7 - Power Stage Power Loss vs. IOUT
78
80
82
84
86
88
90
92
94
0
2
4
6
8
10
12
14
16
18
20
I
OUT (A)
V
OUT = 1.2 V; FCCM
V
OUT = 1.2 V; ZCD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
101214161820
I
OUT (A)


Similar Part No. - SIC783ACD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC780 VISHAY-SIC780 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC780A VISHAY-SIC780A Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC780A VISHAY-SIC780A Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC780ACD-T1-GE3 VISHAY-SIC780ACD-T1-GE3 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
More results

Similar Description - SIC783ACD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com