Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC437AED-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiC437AED-T1-GE3
Description  Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC437AED-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SiC437AED-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S18-0030-Rev. B, 15-Jan-18
3
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
ELECTRICAL PARAMETER
CONDITIONS
LIMITS
UNIT
VIN
Reference to PGND
-0.3 to +30
V
VOUT
Reference to PGND
-0.3 to +22
VDD / VDRV
Reference to PGND
-0.3 to +6
SW / PHASE
Reference to PGND
-0.3 to +30
SW / PHASE (AC)
100 ns;
reference to PGND
-4 to +35;
negative side = -8 V with 100 ns duration
BOOT
-0.3 to +6
BOOT to SW
-0.3 to +6
AGND to PGND
-0.3 to +0.3
EN
-0.3 to +30
All other pins
Reference to AGND
-0.3 to +6
Temperature
Junction temperature
TJ
-40 to +150
°C
Storage temperature
TSTG
-65 to +150
Power Dissipation
Junction to ambient thermal impedance (RJA)16
°C/W
Junction to case thermal impedance (RJC)2
Maximum power dissipation
Ambient temperature = 25 °C
6.25
W
ESD Protection
Electrostatic discharge protection
Human body model
4000
V
Charged device model
1000
RECOMMENDED OPERATING CONDITIONS (all voltages referenced to GND = 0 V)
PARAMETER
MIN.
TYP.
MAX.
UNIT
Input voltage (VIN)4.5
-
28
V
Enable (EN)
0
-
28
Input voltage (VIN), external supply on VDD / VDRV
3-
28
Output voltage (VOUT)0.6
-
0.9 x VIN
(max. 20 V)
Temperature
Recommended ambient temperature
-40 to +105
°C
Operating junction temperature
-40 to +125


Similar Part No. - SiC437AED-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC437AED-T1-GE3 VISHAY-SIC437AED-T1-GE3 Datasheet
2Mb / 27P
   3 V to 28 V Input, 8 A, 12 A microBUCK짰 DC/DC Converter
01-Jan-2022
More results

Similar Description - SiC437AED-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
[Old version datasheet]   TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ1269AQI AOSMD-AOZ1269AQI Datasheet
1Mb / 15P
   28 V/12 A Synchronous EZBuckTM Regulator
Rev. 1.0 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com