Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC437AED-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SiC437AED-T1-GE3
Description  Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC437AED-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SiC437AED-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SiC437AED-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S18-0030-Rev. B, 15-Jan-18
2
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 3 - SiC43x Pin Configuration
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
1, 2, 22, 26
VIN
Input voltage
3, 4, 13, 27
PGND
Power signal return ground
5 to 9
SW
Switching node signal; output inductor connection point
10, 11
GL
Low side power MOSFET gate signal
12
VDRV
Supply voltage for internal gate driver. Connect a 2.2 μF decoupling capacitor to PGND
14
PGOOD
Power good signal output; open drain
15
VDD
Supply voltage for internal logic. Connect a 1 μF decoupling capacitor to AGND
16, 25
AGND
Analog signal return ground
17
FB
Output voltage feedback pin; connect to VOUT through a resistor divider network.
18
VOUT
Output voltage sense pin
19
EN
Enable pin
20
MODE 2
Connect a resistor to VDD to set the soft start timing at 9 ms and current limit level;
connect a resistor to AGND to set the soft start timing at 4.5 ms and current limit level
21
MODE 1
Connect a resistor to VDD for CCM and switching frequency setting;
connect a resistor to AGND for DCM and switching frequency setting
23
BOOT
Bootstrap pin; connect a capacitor to PHASE pin for HS power MOSFET gate voltage supply
24
PHASE
Switching node signal for bootstrap return path
ORDERING INFORMATION
PART NUMBER
PART
MARKING
MAXIMUM
CURRENT
VDD, VDRV
LIGHT LOAD
MODE
JUNCTION
TEMPERATURE
RANGE
PACKAGE
SiC437AED-T1-GE3
SiC437A
12 A
Internal
Ultrasonic
-40 °C to +125 °C
PowerPAK® MLP44-24L
SiC437BED-T1-GE3
SiC437B
Power saving
SiC437CED-T1-GE3
SiC437C
External
Ultrasonic
SiC437DED-T1-GE3
SiC437D
Power saving
SiC438AED-T1-GE3
SiC438A
8 A
Internal
Ultrasonic
SiC438BED-T1-GE3
SiC438B
Power saving
SiC438CED-T1-GE3
SiC438C
External
Ultrasonic
SiC438DED-T1-GE3
SiC438D
Power saving
11 GL
12 V
DRV
13 P
GND
14 P
GOOD
15 V
DD
16 A
GND
17 FB
P
GND 4
P
GND 3
V
IN 2
V
IN 1
4 P
GND
3 P
GND
2 V
IN
1 V
IN
GL 11
V
DRV 12
P
GND 13
P
GOOD 14
V
DD 15
A
GND 16
FB 17
25
A
GND
26
V
IN
27
P
GND
28
GL
Pin 1


Similar Part No. - SiC437AED-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC437AED-T1-GE3 VISHAY-SIC437AED-T1-GE3 Datasheet
2Mb / 27P
   3 V to 28 V Input, 8 A, 12 A microBUCK짰 DC/DC Converter
01-Jan-2022
More results

Similar Description - SiC437AED-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
[Old version datasheet]   TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ1269AQI AOSMD-AOZ1269AQI Datasheet
1Mb / 15P
   28 V/12 A Synchronous EZBuckTM Regulator
Rev. 1.0 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com