Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC462 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SiC462
Description  4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC462 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SiC462 Datasheet HTML 6Page - Vishay Siliconix SiC462 Datasheet HTML 7Page - Vishay Siliconix SiC462 Datasheet HTML 8Page - Vishay Siliconix SiC462 Datasheet HTML 9Page - Vishay Siliconix SiC462 Datasheet HTML 10Page - Vishay Siliconix SiC462 Datasheet HTML 11Page - Vishay Siliconix SiC462 Datasheet HTML 12Page - Vishay Siliconix SiC462 Datasheet HTML 13Page - Vishay Siliconix SiC462 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SiC461, SiC462, SiC463, SiC464
www.vishay.com
Vishay Siliconix
S18-0393-Rev. K, 16-Apr-18
10
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Pre-Bias Start-Up
In case of pre-bias startup, output is monitored through FB
pin. If the sensed voltage on FB is higher than the internal
reference ramp value, control logic prevents high side and
low side MOSFETs from switching to avoid negative output
voltage spike and excessive current sinking through low
side MOSFET.
Fig. 8 - Pre-Bias Start-Up
Fig. 9 - PGOOD Window
Power Good
SiC46x’s power good is an open-drain output. Pull PGOOD
pin high through a > 10K resistor to use this signal. Power
good window is shown in the below diagram. If voltage on
FB pin is out of this window, PGOOD signal is de-asserted by
pulling down to AGND. To prevent false triggering during
transient events, PGOOD has a 25 μs blanking time.
EXAMPLE SCHEMATIC OF SiC462
Fig. 10 - SiC462 Configured for 6 V to 60 V Input, 5 V Output at 6 A, 500 kHz Operation with Ultrasonic Power Save Mode Enabled
all Ceramic Output Capacitance Design
Vref (0.8 V)
VFB
VFB_Rising_Vth_OV
(typ. = 0.96 V)
VFB_Falling_Vth_OV
(typ. = 0.91 V)
VFB_Falling_Vth_UV
(typ. = 0.72 V)
VFB_Rising_Vth_UV
(typ. = 0.77 V)
PG
Pull-high
Pull-low
SiC462
U1
PGND
17
AGND-PAD
28
VCIN
1
PGND3
11
PGND2
10
PGND1
9
VIN2
8
VIN1
7
COMP
21
VFB
22
AGND
23
fsw
24
ILIMIT
25
VDD
26
MODE
27
PGND-PAD
30
VIN-PAD
29
R_EN_L
R_fsw
RLIM
R_EN_H
Css
R_FB_H
R_FB_L
R_PGD
Rx
Cx
Cy
CVDRV
C VDD
CIN
COUT2
COUT
RCOMP
CCOMP
Notes in small black text near
component values refer to Vishay
SiC46X spreadsheet calcualtor
references.
+V
IN =
6 V to 60 V
RMODE
CIN2
PG
L
+V
OUT = 5 V
P
GND
Zero ohm ultrasonic select
EN
Analog ground (A
GND), and
power ground (P
GND) are
tied internally in the SiC46X
A
GND
A
GND
P
GND
560K
102K
DNP
33 nF
2K
1 μF
60.4K
0.1 μF
52.3K
47 μF
10K
4.7 μF
470 pF
232K
52.3K
128 μF
0.1 μF
4.7 μH
8.66K
2.2 nF
1.8 nF


Similar Part No. - SiC462

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIC462 VISHAY-SIC462 Datasheet
748Kb / 28P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK짰 DC/DC Converter
01-Jan-2022
SiC462ED-T1-GE3 VISHAY-SiC462ED-T1-GE3 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIC462ED-T1-GE3 VISHAY-SIC462ED-T1-GE3 Datasheet
748Kb / 28P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK짰 DC/DC Converter
01-Jan-2022
SiC462EVB VISHAY-SiC462EVB Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
More results

Similar Description - SiC462

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIC466 VISHAY-SIC466 Datasheet
942Kb / 24P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK짰 DC/DC Converter
01-Jan-2022
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK짰 DC/DC Converter
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com