Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si9243AEY-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Si9243AEY-T1-E3
Description  Single-Ended Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si9243AEY-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  Si9243AEY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix Si9243AEY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix Si9243AEY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix Si9243AEY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix Si9243AEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix Si9243AEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix Si9243AEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 70788
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
Si9243A
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OUTPUT TABLE AND STATE DIAGRAMS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
A = 1
A = 0
Over Temp
Over Temp . TX
B = 1
B = 0
Short Circuit
TX
Power On
Power On
Note: Over Temp is an internal condition, not meant
to be a logic signal.
INPUTS
STATE
VARIABLE
OUTPUT
TABLE
TX
L
A
B
K
RXK RXL
Comments
00
1
1
0
0
0
11
1
1
1
1
1
01
1
1
0
0
1
10
1
1
1
1
0
XL
0
1
HiZ
K
L
Over Temp
0
L
1
0
HiZ
K
L
Short Circuit
1
1
1
1
1
1
1
Receive Mode
10
1
1
0
0
0
X = "1" or "0"
HiZ = High Impedance State
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced to Ground
Voltage On VBAT
- 24 to 45
V
Voltage K, L
- 16 to (VBAT + 1)
Voltage Difference V(VBAT, K, L)
55
Voltage On Any Pin (Except VBAT , K, L) or Max. Current
- 0.3 V to (VDD + 0.3 V) or 10
mA
Voltage on VDD
7V
K Pin Only, Short Circuit Duration (to VBAT or GND)
Continuous
Operating Temperature (TA)
- 40 to 125
°C
Junction and Storage Temperature
- 55 to 150
Thermal Impedance (
ΘJA)
125
°C/W
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Voltages Referenced to Ground
VDD
4.5 to 5.5
V
VBAT
6 to 36
K, L
6 to 36
Digital Inputs
0 to VDD


Similar Part No. - Si9243AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9243AEY-T1-E3 VISHAY-SI9243AEY-T1-E3 Datasheet
146Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
More results

Similar Description - Si9243AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9241EY VISHAY-SI9241EY Datasheet
37Kb / 4P
   Single-Ended Bus Transceiver
2002
SI9243A VISHAY-SI9243A Datasheet
51Kb / 5P
   Single-Ended Bus Transceiver
Rev. D, 22-Jan-01
SI9241A VISHAY-SI9241A_V01 Datasheet
133Kb / 7P
   Single-Ended Bus Transceiver
01-Jan-2022
SI9243 VISHAY-SI9243_V01 Datasheet
159Kb / 7P
   Single-Ended Bus Transceiver
01-Jan-2022
logo
TEMIC Semiconductors
SI9243EY TEMIC-SI9243EY Datasheet
64Kb / 4P
   Single-Ended Bus Transceiver
logo
Vishay Siliconix
SI9241 VISHAY-SI9241 Datasheet
135Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9243A VISHAY-SI9243A_11 Datasheet
146Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9241AEY VISHAY-SI9241AEY_01 Datasheet
44Kb / 5P
   Single-Ended Bus Transceiver
Rev. D, 22-Jan-01
SI9241A VISHAY-SI9241A Datasheet
147Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
logo
ATMEL Corporation
U6812B ATMEL-U6812B Datasheet
119Kb / 10P
   Single-ended Bus Transceiver with Triple Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com